Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT734 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMT734
Description  Power Darlington Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMT734 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMT734 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FMMT734 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Power Darlington Transistor
FMMT734
Features
625mW Power Dissipation
Very high hFE at high current (5A)
Extremely low VCE(sat) at high current (1A)
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-100
V
Collector-emitter voltage
VCEO
-100
V
Emitter-base voltage
VEBO
-12
V
Collector current
IC
-800
mA
Peak collector current
ICM
-5
A
Power dissipation
Ptot
625
mW
Operating and storage temperature range
Tj,Tstg
-55to+150


Similar Part No. - FMMT734

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT734 ZETEX-FMMT734 Datasheet
74Kb / 3P
PNP SILICON POWER DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FMMT734 DIODES-FMMT734 Datasheet
85Kb / 3P
?쏶UPER SOT??SOT23 PNP SILICON POWER DARLINGTON TRANSISTOR
AUGUST 1997
FMMT734TA DIODES-FMMT734TA Datasheet
85Kb / 3P
POWER DARLINGTON TRANSISTOR
AUGUST 1997
More results

Similar Description - FMMT734

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4351 NEC-2SC4351 Datasheet
110Kb / 6P
DARLINGTON POWER TRANSISTOR
logo
List of Unclassifed Man...
2N6388 ETC2-2N6388 Datasheet
207Kb / 6P
Darlington Power Transistor
logo
Guangdong Kexin Industr...
FMMT614 KEXIN-FMMT614 Datasheet
36Kb / 2P
Power Darlington Transistor
FMMT634 KEXIN-FMMT634 Datasheet
37Kb / 2P
Power Darlington Transistor
logo
Diodes Incorporated
FMMT734TA DIODES-FMMT734TA Datasheet
85Kb / 3P
POWER DARLINGTON TRANSISTOR
AUGUST 1997
logo
Renesas Technology Corp
2SA1840 RENESAS-2SA1840 Datasheet
275Kb / 8P
DARLINGTON POWER TRANSISTOR
2002
2SA1841 RENESAS-2SA1841 Datasheet
362Kb / 8P
DARLINGTON POWER TRANSISTOR
2002
2SC4810 RENESAS-2SC4810 Datasheet
272Kb / 8P
DARLINGTON POWER TRANSISTOR
2002
2SD1592 RENESAS-2SD1592 Datasheet
240Kb / 6P
DARLINGTON POWER TRANSISTOR
2002
2SD1843 RENESAS-2SD1843 Datasheet
202Kb / 6P
DARLINGTON POWER TRANSISTOR
2002
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com