Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1575 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1575
Description  Wide-Band Amplifier Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1575 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1575 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1575 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Diodes
SMD Type
Transistors
hFE Classification
Marking
C
D
E
F
hFE
40
to
80
60
to
120 100
to
200 160
to
320
Wide-Band Amplifier Applications
2SA1575
www.kexin.com.cn
Electrical Characteristics TA=25
3
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base Breakdown voltage
BVCBO
IC =-10 ìA , IE = 0
-200
V
Collector-emitter Breakdown voltage
BVCEO
IC =-1mA ,RBE =
-200
V
Emitter-base Breakdown voltage
BVEBO
IE = -100 ìA , IC =0
-4
V
Collector-base cutoff current
ICBO
VCB = -150 V , IE =0
-0.1
ìA
Emitter-base cutoff current
IEBO
VEB =-2V , IC =0
-1.0
ìA
Forward current transfer ratio
hFE
VCE =-10 V , IC =-10 mA
VCE =-10 V , IC =-60 mA
40
20
320
Collector-emitter saturation voltage
VCE(sat)
IC =-20 mA , IB =-2mA
-1.0
V
Base -emitter saturation voltage
VBE(sat)
IE =-20 mA , IB =-2mA
-1.0
V
Transition frequency
fT
VCE =-30 V , IC= -30 mA
400
MHz
Collector output capacitance
(Common base, input open circuited)
Cob
VCB =-30 V , IE = 0 , f = 1MHz
2.3
pF
Reverse Transfer Capacitance
Cre
VCB= -30 V,
f = 1MHz
1.7
pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com