Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF620 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BF620
Description  Silicon NPN epitaxial planer type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BF620 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BF620 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BF620 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
unless otherwise specified.
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
IE =0; VCB = 200 V
10
nA
IE =0; VCB = 200 V; Tj = 150
10
mA
emitter cut-off current
IEBO
IC =0; VEB =5V
50
nA
DC current gain
hFE
IC =25mA; VCE =20V
50
collector-emitter saturation voltage
VCEsat
IC =30mA; IB = 5 mA
600
mV
feedback capacitance
Cre
IC =ic =0; VCE =30V; f = 1MHz
1.6
pF
transition frequency
fT
IC =10mA; VCE = 10 V;f= 100 MHz
60
MHz
collector cut-off current
V(BR)CBO
Marking
Type Number
BF620
BF622
Marking
DC
DA
BF620; BF622



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com