Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3647 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3647
Description  High-Voltage Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3647 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3647 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC3647 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC3647 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
Features
Adoption of FBET, MBIT Processes
High Breakdown Voltage and Large Current Capacity
High-Voltage Switching Applications
2SC3647
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
6V
Collector Current
IC
2A
Collector Current (Pulse)
ICP
3A
PC
500
mW
PC*
1.5
W
Jumction temperature
Tj
150
Storage temperature Range
Tstg
-55to+150
* Mounted on ceramic board (250 mm
2 x 0.8 mm)
Collector Power Dissipation
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector Cut-off Current
ICBO
VCB = 100V , IE = 0
100
nA
Emitter Cut-off Current
IEBO
VEB =4V , IC = 0
100
nA
Collector-Base Breakdown Voltage
V(BR)CBO IC = 10uA , IE = 0
120
V
Collector-Emitter Breakdown Voltage
V(BR)CEO IC =1mA , RBE =
100
V
Emitter-Base Breakdown Voltage
V(BR)EBO IE = 10uA , IC =0
6
V
DC Current Gain
hFE
VCE =5V , IC = 100mA
100
400
Collector-Emitter Saturation Voltage
VCE(sat) IC =1A , IB = 100mA
0.22
0.6
V
Base-Emitter Saturation Voltage
VBE(sat) IC =1A , IB = 100mA
0.85
1.2
V
Gain-Bandwidth Product
fT
VCE = 10V , IC = 100mA
120
MHz
Collector Output Capacitance
Cob
VCB = 10V , IE = 0 , f = 1MHz
25
pF
Turn-On Time
ton
80
Storage Time
tstg
750
Fall Time
tf
40
ns
See Test Circuit.


Similar Part No. - 2SC3647

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3647 SANYO-2SC3647 Datasheet
126Kb / 4P
High-Voltage Switching Applications
logo
Unisonic Technologies
2SC3647 UTC-2SC3647 Datasheet
134Kb / 4P
HIGH-VOLTAGE SWITCHING APPLICATIONS
2SC3647 UTC-2SC3647 Datasheet
335Kb / 5P
HIGH-VOLTAGE SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SC3647 SANYO-2SC3647 Datasheet
63Kb / 5P
High-Voltage Switching Applications
2SC3647 SANYO-2SC3647 Datasheet
446Kb / 7P
High-Voltage Switching Applications
More results

Similar Description - 2SC3647

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
High-Voltage Switching Applications
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
High-Voltage Switching Applications
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
High-Voltage Switching Applications
logo
Toshiba Semiconductor
1SS403 TOSHIBA-1SS403_07 Datasheet
179Kb / 4P
High Voltage Switching Applications
2SA1972 TOSHIBA-2SA1972_07 Datasheet
150Kb / 4P
High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SA1419 KEXIN-2SA1419 Datasheet
511Kb / 3P
High-Voltage Switching Applications
2SA1415 KEXIN-2SA1415 Datasheet
412Kb / 3P
High-Voltage Switching Applications
2SA1416 KEXIN-2SA1416 Datasheet
509Kb / 3P
High-Voltage Switching Applications
2SC4135 KEXIN-2SC4135 Datasheet
45Kb / 2P
High-Voltage Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com