Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1213 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1213
Description  Power Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1213 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1213 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1213 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1213 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
Power Switching Applications
2SA1213
Features
Low Saturation Voltage: VCE(sat) = -0.5V (max) (IC =-1A)
High Speed Switching Time: tstg = 1.0ìs(typ.)
Small Flat Package
PC = 1 to 2W (mounted on ceramic substrate)
Complementary to 2SC2873
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector Cut-off Current
ICBO
VCB =-50V , IE =0
-0.1
ìA
Emitter Cut-off Current
IEBO
VEB =-5V , IC =0
-0.1
ìA
Collector-Emitter Breakdown Voltage
V(BR)CEO IC =-10mA , IB =0
-50
V
VCE =-2V , IC = -0.5A
70
240
VCE =-2V , IC = -2.0A
20
Collector-Emitter Saturation Voltage
VCE(sat) IC =-1A , IB = -0.05A
-0.5
V
Base-Emitter Saturation Voltage
VBE(sat) IC =-1A , IB = -0.05A
-1.2
V
Transition Frequency
fT
VCE =-2V , IC = -0.5A
120
MHz
Collector Output Capacitance
Cob
VCB =-10V , IE = 0 , f = 1MHz
40
pF
Turn-On Time
ton
0.1
Storage Time
tstg
1.0
Fall Time
tf
0.1
DC Current Gain
hFE
ìs
See Test Circuit.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-2
A
Base Current
IB
-0.4
A
PC
500
PC*
1000
Jumction temperature
Tj
150
Storage temperature Range
Tstg
-55to+150
* Mounted on ceramic substrate (250 mm
2 x 0.8 t)
Collector Power Dissipation
mW


Similar Part No. - 2SA1213

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1213 TOSHIBA-2SA1213 Datasheet
203Kb / 4P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1213 TOSHIBA-2SA1213 Datasheet
200Kb / 5P
Power Amplifier Applications Power Switching Applications
logo
TRANSYS Electronics Lim...
2SA1213 TEL-2SA1213 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SA1213 TOSHIBA-2SA1213 Datasheet
169Kb / 5P
Power Amplifier Applications Power Switching Applications
logo
SeCoS Halbleitertechnol...
2SA1213 SECOS-2SA1213 Datasheet
289Kb / 3P
PNP Silicon Medium Power Transistor
More results

Similar Description - 2SA1213

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1213 TOSHIBA-2SA1213_07 Datasheet
169Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1315 TOSHIBA-2SA1315_07 Datasheet
155Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1681 TOSHIBA-2SA1681_07 Datasheet
162Kb / 4P
Power Amplifier Applications Power Switching Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1735 TOSHIBA-2SA1735_09 Datasheet
179Kb / 4P
Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
Power Amplifier Applications Power Switching Applications
2SC3076 TOSHIBA-2SC3076_05 Datasheet
176Kb / 5P
Power Amplifier Applications Power Switching Applications
2SC3267 TOSHIBA-2SC3267_03 Datasheet
126Kb / 3P
Power Amplifier Applications Power Switching Applications
2SC4409 TOSHIBA-2SC4409_04 Datasheet
150Kb / 4P
Power Amplifier Applications Power switching applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com