Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW65 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCW65
Description  NPN General Purpose Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCW65 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCW65 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCW65 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
BCW65,BCW66
hFE Classification
TYPE
Rank
A
B
C
Marking
EAs
EBs
ECs
TYPE
Rank
F
G
H
Marking
EFs
EGs
EHs
BCW65
BCW66
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Typ
Max
Unit
BCW65
32
BCW66
45
BCW65
60
BCW66
75
V(BR)EBO IE =10ìA, IC =0
5
V
BCW65
VCB =32V, IE =0
20
BCW66
VCB =45V, IE =0
20
BCW65
VCB =32V, IE =0, TA = 150
20
BCW66
VCB =45V, IE =0, TA = 150
20
IEBO
VEB =4V, IC =0
20
nA
A/F
35
B/G
50
C/H
80
A/F
75
B/G
110
C/H
180
A/F
100
160
250
B/G
160
250
400
C/H
250
350
630
IC = 100 mA, IB =10mA
0.3
IC = 500 mA, IB =50mA
0.7
IC = 100 mA, IB =10mA
1.25
IC = 500 mA, IB =50mA
2
fT
IC =50mA, VCE = 5 V, f = 100 MHz
170
MHz
Ccb
VCB = 10 V,f= 1 MHz
6
Ceb
VEB = 0.5 V,f= 1 MHz
60
* Pulse test: t
300ìs, D = 2%.
IC = 100 ìA, VCE =10V
IC =10mA, VCE =1V
hFE
hFE
Parameter
Collector-base breakdown voltage
Collector-emitter breakdown voltage
DC current gain *
hFE-grp.
Emitter cutoff current
DC current gain *
hFE-grp.
DC current gain *
hFE-grp.
ìA
V(BR)CEO IC =10mA, IB =0
V
V
V(BR)CBO IC =10ìA, IE =0
nA
hFE
IC = 100 mA, VCE =1V
Collector-emitter saturation voltage *
VCE(sat)
V
pF
Emitter-base capacitance
Emitter-base breakdown voltage
ICBO
ICBO
Collector cutoff current
Base-emitter saturation voltage
*
VBE(sat)
Transition frequency
Collector-base capacitance



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com