Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VP1509 Datasheet(PDF) 2 Page - Supertex, Inc

Part # VP1509
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VP1509 Datasheet(HTML) 2 Page - Supertex, Inc

  VP1509 Datasheet HTML 1Page - Supertex, Inc VP1509 Datasheet HTML 2Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VP1506/VP1509
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VP1509
-90
VP1506
-60
VGS(th)
Gate Threshold Voltage
-1.5
-3.5
V
VGS = VDS, ID = -1.0mA
∆VGS(th)
Change in VGS(th) with Temperature
5.8
6.5
mV/°CID = -1.0mA, VGS = VDS
IGSS
Gate Body Leakage
-1.0
-100
nA
VGS = ±20V, VDS = 0V
IDSS
Zero Gate Voltage Drain Current
-10
µAVGS = 0V, VDS = Max Rating
VGS = 0V, VDS = 0.8 Max Rating
T
A = 125°C
I
D(ON)
ON-State Drain Current
-0.15
-0.25
V
GS = -5V, VDS = -25V
-0.50
-1.2
V
GS = -10V, VDS = -25V
R
DS(ON)
11
15
V
GS = -5V, ID = -0.1A
6.0
8.0
V
GS = -10V, ID = -0.5A
∆RDS(ON)
Change in R
DS(ON) with Temperature
0.55
1.0
%/°CVGS = -10V, ID = -0.5A
G
FS
Forward Transconductance
150
190
m
V
DS = -25V, ID = -0.5A
C
ISS
Input Capacitance
45
60
C
OSS
Common Source Output Capacitance
22
30
pF
C
RSS
Reverse Transfer Capacitance
3
8
t
d(ON)
Turn-ON Delay Time
4
6
t
r
Rise Time
3
10
t
d(OFF)
Turn-OFF Delay Time
8
12
t
f
Fall Time
4
10
VSD
Diode Forward Voltage Drop
-1.2
-2.0
V
ISD = -1.0A, VGS = 0V
trr
Reverse Recovery Time
400
ns
ISD = -1.0A, VGS = 0V
Notes:
1. All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2. All A.C. parameters sample tested.
VI
D = -1.0mA, VGS = 0V
-1
mA
A
VGS = 0V, VDS = -25V
f = 1 MHz
Static Drain-to-Source
ON-State Resistance
BV
DSS
Drain-to-Source
Breakdown Voltage
V
DD = -25V
ns
I
D = -0.5A
RGEN = 25Ω
Electrical Characteristics (@ 25°C unless otherwise specified)
Ω
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
07/08/02
©2002 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
0V
V
DD
R
gen
0V
-10V
Switching Waveforms and Test Circuit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com