Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VP2106 Datasheet(PDF) 2 Page - Supertex, Inc

Part # VP2106
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VP2106 Datasheet(HTML) 2 Page - Supertex, Inc

  VP2106 Datasheet HTML 1Page - Supertex, Inc VP2106 Datasheet HTML 2Page - Supertex, Inc VP2106 Datasheet HTML 3Page - Supertex, Inc VP2106 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
0V
V
DD
R
gen
0V
-10V
VP2106/VP2110
Switching Waveforms and Test Circuit
Package
ID (continuous)*
ID (pulsed)
Power Dissipation
θjc
θja
IDR*IDRM
@ TA = 25°C
°C/W
°C/W
TO-236AB
-120mA
-400mA
0.36W
200
350
-120mA
-400mA
TO-92
-0.25A
-0.8A
0.74W
125
170
-0.25A
-0.8A
* I
D (continuous) is limited by max rated Tj.
Thermal Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VP2110
-100
VP2106
-60
VGS(th)
Gate Threshold Voltage
-1.5
-3.5
V
VGS = VDS, ID = -1.0mA
∆VGS(th)
Change in VGS(th) with Temperature
5.8
6.5
mV/°CID = -1.0mA, VGS = VDS
I
GSS
Gate Body Leakage
-1.0
-100
nA
V
GS = ±20V, VDS = 0V
IDSS
Zero Gate Voltage Drain Current
-10
µAVGS = 0V, VDS = Max Rating
VGS = 0V, VDS = 0.8 Max Rating
TA = 125°C
ID(ON)
ON-State Drain Current
-0.50
-1.0
A
VGS = -10V, VDS = -25V
R
DS(ON)
11
15
V
GS = -5V, ID = -0.1A
9.0
12
VGS = -10V, ID = -0.5A
∆RDS(ON)
Change in RDS(ON) with Temperature
0.55
1.0
%/°CVGS = -10V, ID = -0.5A
G
FS
Forward Transconductance
150
200
m
V
DS = -25V, ID = -0.5A
CISS
Input Capacitance
45
60
C
OSS
Common Source Output Capacitance
22
30
pF
C
RSS
Reverse Transfer Capacitance
3
8
td(ON)
Turn-ON Delay Time
4
5
t
r
Rise Time
5
8
t
d(OFF)
Turn-OFF Delay Time
5
9
tf
Fall Time
4
8
V
SD
Diode Forward Voltage Drop
-1.2
-2.0
V
I
SD = -0.5A, VGS = 0V
t
rr
Reverse Recovery Time
400
ns
I
SD = -0.5A, VGS = 0V
Notes:
1.All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.All A.C. parameters sample tested.
BVDSS
Drain-to-Source
Breakdown Voltage
Electrical Characteristics (@ 25°C unless otherwise specified)
VI
D = -1.0mA, VGS = 0V
-1
mA
Static Drain-to-Source
ON-State Resistance
VGS = 0V, VDS = -25V
f = 1 MHz
VDD = -25V
ns
I
D = -0.5A
RGEN = 25Ω
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com