Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS45 Datasheet(PDF) 1 Page - Altech corporation

Part # PS45
Description  45W Single Output Industrial DIN Rail Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

PS45 Datasheet(HTML) 1 Page - Altech corporation

  PS45_1 Datasheet HTML 1Page - Altech corporation PS45_1 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
DR-4505
DR-4512
DR-4515
DR-4524
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
OUTPUT
VOLTAGE ADJ. RANGE
LINE R EGULATION
LOAD REGULATION
SETUP, RISE, HOLD TIME
VOLTAGE R ANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
AC CURRENT
INPUT
INRUSH CURRENT (max.)
LEAKAGE CURRENT
OVER TEMPERATURE
SAFETY STANDARDS
HARMONIC CURRENT
EMS IMMUNITY
WORKING HUMIDITY
WORKING TEMP.
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER L OAD
OVER VOLTAGE
5V
12V
15V
24V
5A
3.5A
2.8A
2A
0 ~ 5A
0 ~3. 5A
0 ~ 2.8A
0 ~ 2A
25W
42W
42W
48W
100mVp-p
200mVp-p
240mVp-p
13.5 ~ 16.5V
480mVp-p
21.6 ~ 26.4V
2.0%
1.0%
1.0%
1.0%
10.8 ~ 13.2V
4.75 ~ 5.5V
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
800ms, 60ms, 50ms/230VAC at full load
85 ~ 264VAC
1 20 ~ 370VDC
47~63Hz
72%
77%
77%
80%
1.5A/115VAC
0 .75A/230VAC
COLD START 28A/115V AC
56A/230V AC
<1mA/ 240VAC
105 ~ 150% rated output power
Protection type : Constant current limiting, recovers automatically after fault condition is removed
5.75 ~ 6.75V
Shut down o/p voltage, re-power on to recover
13.8 ~ 16.2V
17.25 ~ 20.25V
27.6 ~ 32.4V
Tj 135
typically(U1) Detect on heat sink of power transistor
Protection type : Shut down o/p voltage, recovers automatically after temperature goes down
-10 ~ +50 (Refer to output load derating curve)
20 ~ 90% RH non-condensing
-20 ~ +85 , 10 ~ 95% RH
0.03%/ (0 ~ 50
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
364.6K hrs min.
MIL-HDBK-217F (25 )
93*78*67mm (L*W*H)
0.31Kg; 48pcs/16.1Kg/1.3CUFT
UL508, EN60950-1
Compliance to EN55011,EN55022 (CISPR22) Class B
Compliance to EN61000-3-2,-3
Compliance to EN61000-4-2,3,4,5,6,8,1
1, ENV50204, EN55024, EN61000-6-2 (EN50082-2) Heavy industry le
vel, criteriaA
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
ENVIRONMENT
PROTECTION
SAFETY &
EMC
(Note 4)
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC
EMI CONDUCTION & RADIATION
PS-45 Series
35 Royal Road, Flemington, NJ 08822-6000 • (tel.) 908-806-9400 • (fax) 908-806-9490 • www.altechcorp.com
45W Single Output Industrial DIN Rail Power Supply
F eatures :
AC i nput range s electable b y s witch
P rotections :S hort circuit/Over load/Over voltage/Over temperature
C ooling by free a ir c onvection
C an be i ns talled on D IN r ail T S -35/7.5 o r 1 5
UL 5 08(indus trial c ontrol e quipment)approved
LE D i ndicator for power on
100% f ull load burn-in tes t
F ixed s witching frequency a t 55K Hz
3 y ears w arranty
R


Similar Part No. - PS45_1

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PS45-1 TTELEC-PS45-1 Datasheet
421Kb / 5P
Slide Potentiometer
11/2020
logo
Astrodyne Corporation
PS45-12 ASTRODYNE-PS45-12 Datasheet
322Kb / 4P
45W Single Output Switching Power Supply
PS45-13.5 ASTRODYNE-PS45-13.5 Datasheet
322Kb / 4P
45W Single Output Switching Power Supply
PS45-15 ASTRODYNE-PS45-15 Datasheet
322Kb / 4P
45W Single Output Switching Power Supply
logo
NEC
PS4501 NEC-PS4501 Datasheet
60Kb / 2P
PHOTO INTERRUPTER
More results

Similar Description - PS45_1

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
DR-45 TOTAL-POWER-DR-45 Datasheet
330Kb / 2P
45W Single Output Industrial DIN Rail Power Supply
logo
Astrodyne Corporation
DRP-240 ASTRODYNE-DRP-240 Datasheet
322Kb / 2P
240W Single Output Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DR-45 MEANWELL-DR-45 Datasheet
107Kb / 2P
45W Single Output Industrial DIN Rail Power Supply
MDR-10 MEANWELL-MDR-10 Datasheet
234Kb / 2P
10W Single Output Industrial DIN Rail Power Supply
MDR-60 MEANWELL-MDR-60 Datasheet
255Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-S100 ALTECH-PS-S100 Datasheet
712Kb / 2P
100W Single Output Industrial DIN Rail Power Supply
PS-S40 ALTECH-PS-S40 Datasheet
613Kb / 2P
40W Single Output Industrial DIN Rail Power Supply
PS-45 ALTECH-PS-45 Datasheet
129Kb / 1P
45W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-45 MEANWELL-DR-45_11 Datasheet
272Kb / 2P
45W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-45 TOTAL-POWER-DR-45_17 Datasheet
181Kb / 2P
45W Single Output Industrial DIN Rail Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com