Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM Datasheet(PDF) 1 Page - Altech corporation

Part # PAM
Description  Padlock for 30 mm mushroom actuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

PAM Datasheet(HTML) 1 Page - Altech corporation

  PAM Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
− mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/9/2007
11/9/2007
Philipp Ernstberger
11/9/2007
Padlock for 30 mm mushroom actuator
1PB-PAM
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-PAM
rev
-
ch.no.
-
description
original design
date
revised by
11/9/2007
Philipp E.
36.0 mm
[1.4 in]
35.3 mm
[1.4 in]
n8 mm
[.3 in]


Similar Part No. - PAM

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM 8610 PAM-PAM 8610 Datasheet
326Kb / 17P
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Gamewell-FCI by Honeywe...
PAM-1 GAMEWELL-FCI-PAM-1 Datasheet
53Kb / 2P
Ionization Detector
PAM-1 GAMEWELL-FCI-PAM-1 Datasheet
90Kb / 2P
Photoelectronic detector
PAM-1 GAMEWELL-FCI-PAM-1 Datasheet
60Kb / 2P
Photoelectronic Detector
logo
Protek Devices
PAM01SC7905C PROTEC-PAM01SC7905C Datasheet
448Kb / 6P
ultra LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PAM

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AMX ALTECH-AMX Datasheet
325Kb / 1P
30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
AMLX ALTECH-AMLX Datasheet
349Kb / 1P
30 mm Non-Illuminated Mushroom with Indicated Arrows AMLx
AMLKBX ALTECH-AMLKBX Datasheet
345Kb / 1P
30 mm Non-Illuminated Mushroom Metal Operator AMLKBx and AMKBx
ALP101 ALTECH-ALP101 Datasheet
194Kb / 1P
30 mm Actuator Lock Plate ALP101
2PAP ALTECH-2PAP Datasheet
184Kb / 1P
Padlock for projecting actuator
2PAM ALTECH-2PAM Datasheet
270Kb / 1P
Padlock for mushroom actuator
PAP ALTECH-PAP Datasheet
203Kb / 1P
Padlock for 30 mm projecting actuator
AM4 ALTECH-AM4 Datasheet
329Kb / 1P
30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
logo
Schneider Electric
ZB5AC64 SCHNEIDER-ZB5AC64 Datasheet
423Kb / 12P
Head for non illuminated push button, Harmony XB5, blue 횠 30 mushroom pushbutton 횠22 mm spring return
Mar 16, 2022
ZB5AT24 SCHNEIDER-ZB5AT24 Datasheet
385Kb / 13P
Head for non illuminated push button, Harmony XB5, black 횠 30 mushroom pushbutton 횠22 mm latching pull
Mar 16, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com