Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2AS2-1 Datasheet(PDF) 1 Page - Altech corporation

Part # P2AS2-1
Description  22 mm Thermoplastic Enclosure Selector Switch P2AS2-x (x=type)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

P2AS2-1 Datasheet(HTML) 1 Page - Altech corporation

  P2AS2-1 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ITEM DESCRIPTION
CAT. NO. COLOR
Type
MIN. QTY. MAX. QTY.
P2AS2-1 Black
Maintained/2 Position
1
1
P2AS2-3 Black
Maintained/3 Position
1
1
P2AS2-4 Black
Momentary/3 Position
1
1
2*
Rubber Gasket
2PRG1
Black
-
1
1
3*
Mounting Nut
P2MN
Black
-
1
1
4*
Mounting Bracket P2BRK
Black
-
1
1
5
Panel
-
-
-
-
-
S1
Green
-
1
6
S2
Red
-
1
6
S3
Green/Gray -
1
6
S4
Red/Gray
-
1
6
Switch Contacts
6**
1*
Selector Switch
3 POSITION SELECTOR SWITCH
CONTACT BLOCK OPERATION GUIDE
CONTACT BLOCK GUIDE
×
1 NO (left)
×
2 NC in series (side × side)
×
1 NO (right)
×
×
1 NC (right)
×
×
1 NC (left)
×
×
2 NO in parallel (side × side)
(Left or right as seen from front of operator)
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
− mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/5/2007
11/5/2007
Philipp Ernstberger
11/5/2007
22 mm Thermoplastic Enclosure Selector Switch P2AS2-x (x=type)
1PB-P2AS2-x
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-P2AS2-x
rev
-
ch.no.
-
description
original design
date
revised by
11/5/2007
Philipp E.
4
3
* = Selector Switch is supplied with rubber gasket, mounting
nut and mounting bracket (ITEM 1,2,3 and 4)
** = Switch Contacts must be ordered separatly
Up tp six switch contacts can be installed.
24.4 mm
[1.0 in]
10.5 mm
[.4 in]
max. 4 mm
[.15 in]
23 mm
[.9 in]
47 mm
[1.8 in]
71 mm
[2.8 in]
95 mm
[3.7 in]
1
2
5
6


Similar Part No. - P2AS2-1

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
P2A GOOD-ARK-P2A Datasheet
384Kb / 5P
Surface Mount Glass Passivated Standard Rectifier
logo
MKS Instruments.
P2A MKS-P2A Datasheet
266Kb / 4P
Mass Flow Contro ller for Ion ImplanT Applicatiotions
logo
Bud Industries, Inc.
P2A-110 BUD-P2A-110 Datasheet
46Kb / 1P
RELAY RACK PANELS
logo
NIKO SEMICONDUCTOR CO.,...
P2A06BT NIKOSEM-P2A06BT Datasheet
220Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
nVent Electric plc
P2AATB NVENT-P2AATB Datasheet
286Kb / 4P
Lifting Eyes
More results

Similar Description - P2AS2-1

ManufacturerPart #DatasheetDescription
logo
Altech corporation
4-001-Q-10 ALTECH-4-001-Q-10 Datasheet
226Kb / 1P
22 mm Thermoplastic Enclosure White/Black Operator Capacity 1
3-001-Q-11 ALTECH-3-001-Q-11 Datasheet
221Kb / 1P
22 mm Thermoplastic Enclosure White/Black Operator Capacity 1
2ASLXLB-Y-ZZZ ALTECH-2ASLXLB-Y-ZZZ Datasheet
282Kb / 1P
22 mm LED Illuminated Metal Selector Switch Operator
2AS2-X ALTECH-2AS2-X Datasheet
160Kb / 1P
22mm Non-Illuminated Selector Switch 2AS2-x (x=type)
P2APX ALTECH-P2APX Datasheet
242Kb / 1P
22 mm Thermoplastic Enclosure Projecting Push Button P2APx
P2AMPP4 ALTECH-P2AMPP4 Datasheet
271Kb / 1P
22 mm Thermoplastic Enclosure Mushroom Push-Pull Operator
P2AMLS4 ALTECH-P2AMLS4 Datasheet
264Kb / 1P
22 mm Thermoplastic Enclosure Mushroom Push-Turn Operator
P2AML4 ALTECH-P2AML4 Datasheet
284Kb / 1P
22 mm Thermoplastic Enclosure Mushroom Push-Turn Operator
P2AM4 ALTECH-P2AM4 Datasheet
262Kb / 1P
22 mm Thermoplastic Enclosure Mushroom Momentary Operator
P2AFX ALTECH-P2AFX Datasheet
248Kb / 1P
22 mm Thermoplastic Enclosure Flush Momentary Operator P2AFx
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com