Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC02 Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC02
Description  PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC02 Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

  TC02 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC02 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
TC02
TC03
PRECISION TEMPERATURE-
TO -VOLTAGE CONVERTERS
PRELIMINARY INFORMATION
TC02/03-04 6/18/97
TAPING FORMS (Cont.)
Component Taping Orientation for TO-92
Mark
Face
Mark
Face
User Direction of Feed
User Direction of Feed
P
P
Standard Reel Component Orientation
for 713 or TR Suffix Device
Reverse Reel Component Orientation
for 723 or RT Suffix Device
Seal
Tape
Back
Tape
Seal
Tape
Back
Tape
MARK
FACE
MARK
FACE
MARK
FACE
MARK
FACE
MARK
FACE
MARK
FACE
Tape & Reel Specifications Table
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
TO-92-3
18 mm
12.7 mm
2000
13



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com