Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4117 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4117
Description  Silicon NPN Epitaxial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4117 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4117 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
1 Emitter
2 Base
3 Collector
Silicon NPN Epitaxial
2SC4117
Features
High voltage
High hFE
Low noise
Small package
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
120
V
Collector-emitter voltage
VCEO
120
V
Emitter-base voltage
VEBO
5V
Collector current
IC
100
mA
Base current
IB
20
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
125
Storage temperature range
Tstg
-55to+125
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cut-off current
ICBO
VCB = 120 V, IE =0
0.1
ìA
Emitter cut-off current
IEBO
VEB =5V, IC =0
0.1
ìA
DC current gain
hFE
VCE =6 V, IC = 2 mA
200
700
Collector-emitter saturation voltage
VCE (sat) IC =10mA, IB =1mA
0.3
V
Transition frequency
fT
VCE =6V, IC = 1 mA
100
MHz
Collector output capacitance
Cob
VCB =10V, IE = 0,f= 1 MHz
3.0
pF
Noise figure
NF
VCE=6 V, IC=0.1 mA, f=1kHz,RG=10 K
1.0
10
dB
hFE Classification
Marking
DG
DL
Rank
GR
BL
hFE
200
400
350
700


Similar Part No. - 2SC4117

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4117 TOSHIBA-2SC4117 Datasheet
205Kb / 4P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
17-Dec-1998
2SC4117 TOSHIBA-2SC4117 Datasheet
327Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SC4117-GR TOSHIBA-2SC4117-GR Datasheet
327Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SC4117GR TOSHIBA-2SC4117GR Datasheet
327Kb / 4P
Audio Frequency General Purpose Amplifier Applications
More results

Similar Description - 2SC4117

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1890A RENESAS-2SC1890A Datasheet
172Kb / 6P
Silicon NPN Epitaxial
2SC2853 RENESAS-2SC2853 Datasheet
169Kb / 7P
Silicon NPN Epitaxial
2SC4196 RENESAS-2SC4196 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
Silicon NPN Epitaxial
2SC4784 RENESAS-2SC4784 Datasheet
220Kb / 9P
Silicon NPN Epitaxial
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
2SD667 RENESAS-2SD667 Datasheet
159Kb / 6P
Silicon NPN Epitaxial
2SD1418 RENESAS-2SD1418 Datasheet
98Kb / 6P
Silicon NPN Epitaxial
2SC2396 RENESAS-2SC2396 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com