Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4180 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4180
Description  NPN Silicon Epitaxial Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4180 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4180 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
1 Emitter
2 Base
3 Collector
NPN Silicon Epitaxial Transistor
2SC4180
Features
Small dimension
High DC current gain
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
120
V
Collector-emitter voltage
VCEO
120
V
Emitter-base voltage
VEBO
5V
Collector current
IC
50
mA
Total power dissipation
PT
150
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB = 120V, IE=0
0.05
ìA
Emitter cutoff current
IEBO
VEB =5V, IC=0
0.05
ìA
VCE =6V , IC = 1mA*
135
600
900
VCE =6V , IC = 0.1mA
100
580
Collector-emitter saturation voltage *
VCE(sat) IC = 10mA , IB = 1mA
0.07
0.3
V
Base-emitter voltage *
VBE
VCE =6V , IC = 1mA
0.55
0.59
0.65
V
Gain bandwidth product
fT
VCE =6V , IE = -1mA
50
110
MHz
Output capacitance
Cob
VCB = 30V , IE = 0 , f = 1.0MHz
1.6
2.5
pF
* Pulse test: tp
350 ìs; d
0.02.
DC current gain
hFE
hFE Classification
Marking
D15
D16
D17
D18
hFE
135
270
200
400
300
600
450
900


Similar Part No. - 2SC4180

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4180 NEC-2SC4180 Datasheet
197Kb / 4P
AUDIO FREQUENCY HIGH GAIN AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4180 HTSEMI-2SC4180 Datasheet
456Kb / 1P
TRANSISTOR (NPN)
logo
Galaxy Semi-Conductor H...
2SC4180 BILIN-2SC4180 Datasheet
152Kb / 3P
Silicon Epitaxial Planar Transistor
logo
Jiangsu Changjiang Elec...
2SC4180 JIANGSU-2SC4180 Datasheet
738Kb / 3P
SOT-323 Plastic-Encapsulate Transistors
logo
Renesas Technology Corp
2SC4180 RENESAS-2SC4180 Datasheet
325Kb / 6P
SILICON TRANSISTOR
1987
More results

Similar Description - 2SC4180

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com