Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1014 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC1014
Description  50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1014 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC1014 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC1014 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TC1014
2
50mA CMOS LDO WITH SHUTDOWN
AND REFERENCE BYPASS
PRELIMINARY INFORMATION
TC1014-01-6/5/97
ABSOLUTE MAXIMUM RATINGS*
Input Voltage ................................................................. 7V
Output Voltage .................................. (– 0.3) to (VIN + 0.3)
Power Dissipation .................... Internally Limited (Note 7)
Operating Temperature .................... – 40
°C < TJ < 125°C
Storage Temperature ............................ – 65
°C to +150°C
Maximum Voltage On Any Pin .......... VIN + 0.3V to – 0.3V
*Stresses beyond those listed under "Absolute Maximum Ratings" may
cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
ELECTRICAL CHARACTERISTICS: VIN = VOUT + 1V, IL = 100µA, CL = 3.3µF, SHDN > VIH, TA = 25
°C, unless otherwise noted.
Boldface type specifications apply for junction temperatures of – 40
°C to +125°C.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIN
Input Operating Voltage
—
—
6.5
V
IOUTMAX
Maximum Output Current
50
——
mA
VOUT
Output Voltage
Note 1
VR – 2.5%
VR ±0.5%
VR + 2.5%
V
TCVOUT
VOUT Temperature Coefficient
Note 2
20
—
ppm/
°C
40
∆VOUT/∆VIN
Line Regulation
(VR + 1V) < VIN < 6V
—
0.01
—
%
∆VOUT/VOUT
Load Regulation
IL = 1.0mA to IOUTMAX
—
0.5
—
%
(Note 3)
VIN – VOUT
Dropout Voltage (Note 4)
IL = 100µA—
5
—
mV
IL = 20mA
65
IL = 50mA
95
(Note 4)
IGND
Ground Pin Current
IL = IOUTMAX, (Note 5)
——
0
µA
IIN
Supply Current
SHDN = VIH, IL = 0
—
50
—
µA
IINSD
Shutdown Supply Current
SHDN = 0V
—
—
0.05
µA
PSRR
Power Supply Rejection Ratio
FRE ≤ 1kHz
—
64
—
dB
IOUTSC
Output Short Circuit Current
VOUT = 0V
—
200
400
mA
∆VOUT/∆PD
Thermal Regulation
Note 6
—
0.04
—
%/W
eN
Output Noise
IL = IOUTMAX
—
260
—
nV/
√Hz
470pF from Bypass to GND
SHDN Input
VIH
SHDN Input High Threshold
VIN = 2.5V to 6.5V
45
—
—
%VIN
VIL
SHDN Input Low Threshold
VIN = 2.5V to 6.5V
—
—
15
%VIN
NOTES: 1. VR is the regulator output voltage setting. VR = 2.5V, 2.7V, 3.0V, 3.3V, 5.0V.
2. TCVOUT = (VOUTMAX – VOUTMIN) x 10
6
VOUT x ∆T
3. Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested over a load
range from 1.0mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the
thermal regulation specification.
4. Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value at a 1V
differential.
5. Ground pin current is the regulator pass transistor gate current. The total current drawn from the input supply is the sum of the load
current, ground current and supply current (i.e. IIN = ISUPPLY + IGND + ILOAD).
6. Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load
or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10msec.
7. The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the
thermal resistance from junction-to-air (i.e. TA, TJ, θJA). Exceeding the maximum allowable power dissipation causes the device to
initiate thermal shutdown. Please see
Thermal Considerations section of this data sheet for more details.
.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com