Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1801 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1801
Description  Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1801 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1801 Datasheet HTML 9Page - Linear Technology LT1801 Datasheet HTML 10Page - Linear Technology LT1801 Datasheet HTML 11Page - Linear Technology LT1801 Datasheet HTML 12Page - Linear Technology LT1801 Datasheet HTML 13Page - Linear Technology LT1801 Datasheet HTML 14Page - Linear Technology LT1801 Datasheet HTML 15Page - Linear Technology LT1801 Datasheet HTML 16Page - Linear Technology LT1801 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1801/LT1802
18012fb
TYPICAL PERFOR A CE CHARACTERISTICS
±5V Small-Signal Response
50mV/DIV
VS = ±5V
50ns/DIV
18012 G36
AV = 1
RL = 1k
0V
Output Overdriven Recovery
VIN
1V/DIV
VS = 5V, 0V
100ns/DIV
18012 G37
AV = 2
RL = 1k
0V
VOUT
2V/DIV
±5V Large-Signal Response
2V/DIV
VS = ±5V
200ns/DIV
18012 G35
AV = 1
RL = 1k
0V
5V Large-Signal Response
1V/DIV
VS = 5V, 0V
100ns/DIV
18012 G33
AV = 1
RL = 1k
0V
5V Small-Signal Response
50mV/DIV
VS = 5V, 0V
50ns/DIV
18012 G34
AV = 1
RL = 1k
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com