Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1803 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1803
Description  Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1803 Datasheet(HTML) 1 Page - Linear Technology

  LT1803 Datasheet HTML 1Page - Linear Technology LT1803 Datasheet HTML 2Page - Linear Technology LT1803 Datasheet HTML 3Page - Linear Technology LT1803 Datasheet HTML 4Page - Linear Technology LT1803 Datasheet HTML 5Page - Linear Technology LT1803 Datasheet HTML 6Page - Linear Technology LT1803 Datasheet HTML 7Page - Linear Technology LT1803 Datasheet HTML 8Page - Linear Technology LT1803 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1803/LT1804/LT1805
180345f
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Single/Dual/Quad 100V/
µs,
85MHz, Rail-to-Rail Input and
Output Op Amps
s
Slew Rate: 100V/
µs
s
Gain Bandwidth Product: 85MHz
s
Input Common Mode Range Includes Both Rails
s
Output Swings Rail-to-Rail
s
Low Quiescent Current: 3mA Max per Amplifier
s
Large Output Current: 42mA
s
Voltage Noise: 21nV/
√Hz
s
Power Supply Rejection: 90dB
s
Open-Loop Gain: 60V/mV
s
Operating Temperature Range: – 40
°C to 85°C
s
Single Available in the 8-Pin SO and 5-Pin Low Profile
(1mm) SOT-23 (ThinSOT
TM) Package
s
Dual Available in 8-Lead DFN and SO Packages
s
Quad Available in the 14-Pin Narrow SO Package
s
Low Voltage, High Frequency Signal Processing
s
Driving A/D Converters
s
Rail-to-Rail Buffer Amplifiers
s
Active Filters
s
Video Line Driver
The LT
®1803/LT1804/LT1805 are single/dual/quad, low
power, high speed rail-to-rail input and output operational
amplifiers with excellent DC performance. The LT1803/
LT1804/LT1805 feature reduced supply current, lower
input offset voltage, lower input bias current and higher
DC gain than other devices with comparable bandwidth
and slew rate.
Typically, the LT1803/LT1804/LT1805 have an input off-
set voltage of 350
µV, an input bias current of 125nA and
an open-loop gain of 60V/mV.
The LT1803/LT1804/LT1805 have an input range that
includes both supply rails and an output that swings within
20mV of either supply rail to maximize the signal dynamic
range in low supply applications.
The LT1803/LT1804/LT1805 are specified at 3V, 5V and
±5V supplies and typically maintain their performance for
supplies from 2.3V to 12.6V. The inputs can be driven
beyond the supplies without damage or phase reversal of
the output.
The LT1803 is available in the 8-pin SO package with the
standard op amp pinout and in the 5-pin SOT-23 package.
The LT1804 is available in 8-pin DFN and SO packages
with the standard op amp pinouts. The LT1805 features
the standard quad op amp configuration and is available in
a 14-pin plastic SO package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
A
1/2 LT1804
B
1/2 LT1804
R2
10k
R4
100k
R5
2k
D1
1N4148
VS = ±5V
18045 TA01
D2
1N4148
R3
1k
R1
1k
VIN
VS
+
VS
–
VOUT
R6
1M
C1
0.1
µF
Inverting DC Restore
50
µs/DIV
18045 TA02
VIN
50mV/DIV
GND
VOUT
500mV/DIV
GND
Inverting DC Restore Circuit Response
ThinSOT is a trademark of Linear Technology Corporation.


Similar Part No. - LT1803

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1803 LINER-LT1803 Datasheet
407Kb / 20P
Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
logo
Analog Devices
LT1803 AD-LT1803 Datasheet
752Kb / 26P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
Rev C
logo
Linear Technology
LT1803 LINER-LT1803_15 Datasheet
407Kb / 20P
Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1803

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1490 LINER-LT1490_15 Datasheet
223Kb / 12P
Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
LT1491 LINER-LT1491_15 Datasheet
223Kb / 12P
Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1803 LINER-LT1803_15 Datasheet
407Kb / 20P
Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1804 LINER-LT1804_15 Datasheet
407Kb / 20P
Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1805 LINER-LT1805_15 Datasheet
407Kb / 20P
Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com