Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC04ACZM Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC04ACZM
Description  LOW POWER, BANDGAP VOLTAGE REFERENCES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC04ACZM Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC04ACZM Datasheet HTML 1Page - TelCom Semiconductor, Inc TC04ACZM Datasheet HTML 2Page - TelCom Semiconductor, Inc TC04ACZM Datasheet HTML 3Page - TelCom Semiconductor, Inc TC04ACZM Datasheet HTML 4Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3-7
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
RESPONSE TIME TEST CIRCUIT
TYPICAL APPLICATIONS
+15V
180 k
Ω
0.1 µF
2.5V
TC05
60 k
Ω
50 k
Ω
3
2
7
6
4
VOUT = 10V
–
+
TC911
+15V
TC04
1µF
R SET
81 k
Ω
2
3
7
6
4
I OUT =
1.25V
R SET
–
+
TC911
+9V
TC04
1.25V
360 k
Ω
Battery Powered 1.25V Reference
Precision Current Source
10V Reference
TC04
TC05
OUTPUT
INPUT
36 k
Ω
LOW POWER, BANDGAP
VOLTAGE REFERENCES
TC04A
TC04B
TC05A
TC05B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com