Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1801CDD Datasheet(PDF) 20 Page - Linear Technology

Part # LT1801CDD
Description  Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1801CDD Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1801CDD Datasheet HTML 12Page - Linear Technology LT1801CDD Datasheet HTML 13Page - Linear Technology LT1801CDD Datasheet HTML 14Page - Linear Technology LT1801CDD Datasheet HTML 15Page - Linear Technology LT1801CDD Datasheet HTML 16Page - Linear Technology LT1801CDD Datasheet HTML 17Page - Linear Technology LT1801CDD Datasheet HTML 18Page - Linear Technology LT1801CDD Datasheet HTML 19Page - Linear Technology LT1801CDD Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LT1801/LT1802
18012fb
LT 0607 REV B • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 2002
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
Low Power High Voltage Amplifier
Certain materials used in optical applications have charac-
teristics that change due to the presence and strength of
a DC electric field. The voltage applied across these
materials should be precisely controlled to maintain de-
sired properties, sometimes as high as 100’s of volts. The
materials are not conductive and represent a capacitive
load.
The circuit of Figure 6 shows the LT1801 used in an
amplifier capable of a 250V output swing and providing
precise DC output voltage. When no signal is present, the
op amp output sits at about mid-supply. Transistors Q1
and Q3 create bias voltages for Q2 and Q4, which are
forced into a low quiescent current by degeneration resis-
tors R4 and R5. When a transient signal arrives at VIN, the
op amp output moves and causes the current in Q2 or Q4
to change depending on the signal polarity. The current,
limited by the clipping of the LT1801 output and the 3k
Ω
of total emitter degeneration, is mirrored to the output
devices to drive the capacitive load. The LT1801 output
then returns to near mid-supply, providing the precise DC
output voltage to the load. The attention to limit the current
of the output devices minimizes power dissipation thus
allowing for dense layout, and inherits better reliability.
Figure 7 shows the time domain response of the amplifier
providing a 200V output swing into a 100pF load.
PART NUMBER
DESCRIPTION
COMMENTS
LT1399
Triple 300MHz Current Feedback Amplifier
0.1dB Gain Flatness to 150MHz, Shutdown
LT1498/LT1499
Dual/Quad 10MHz, 6V/
µs Rail-to-Rail Input and Output C-LoadTM Op Amps High DC Accuracy, 475µV VOS(MAX), 4µV/°C Max Drift
LT1630/LT1631
Dual/Quad 30MHz, 10V/
µs Rail-to-Rail Input and Output Op Amps
High DC Accuracy, 525
µV VOS(MAX), 70mA Output Current,
Max Supply Current 4.4mA per Amplifier
LT1800
80MHz, 25V/
µs Low Power Rail-to-Rail Input/Output Precision Op Amp
Single Version of LT1801/LT1802
LT1806/LT1807
Single/Dual 325MHz, 140V/
µs Rail-to-Rail Input and Output Op Amps
High DC Accuracy, 550
µV VOS(MAX), Low Noise 3.5nV/√Hz,
Low Distortion –80dB at 5MHz, Power-Down (LT1806)
LT1809/LT1810
Single/Dual 180MHz Rail-to-Rail Input/Output Op Amps
350V/
µs Slew Rate, Low Distortion –90dBc at 5MHz,
Power-Down (LT1809)
C-Load is a trademark of Linear Technology Corporation.
RELATED PARTS
TYPICAL APPLICATIO
1/2 LT1801
5V
10k
10k
Q3
Q1
4.99k
1k
1k
–130V
18012 F06
4.99k
Q5
Q7
Q2
Q4
Q6
Q8
R1
2k
R2
2k
R5
2k
R4
2k
R7
2k
R6
2k
R3
200k
0.1
µF
C1
39pF
C2
8pF
150V
VOUT
VIN
MATERIAL UNDER
ELECTRIC FIELD
100pF
130V
5V
5V
AV = VOUT/VIN = –100
±130V SUPPLY IQ = 130µA
OUTPUT SWING =
±128.8V
OUTPUT OFFSET
≅ 20mV
OUTPUT SHORT-CIRCUIT CURRENT
≅ 3mA
10% TO 90% RISE TIME
≅ 8µs, 200V OUTPUT STEP
SMALL-SIGNAL BANDWIDTH
≅ 150kHz
Q1, Q2, Q7, Q8: ON SEMI MPSA42
Q3, Q4, Q5, Q6: ON SEMI MPSA92
Figure 6. Low Power, High Voltage Amplifier
Figure 7. Large-Signal Time Domain
Response of the Amplifier
VIN
2V/DIV
VOUT
50V/DIV
10
µs/DIV
18012 F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com