Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1809 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1809
Description  Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809 Datasheet(HTML) 3 Page - Linear Technology

  LT1809 Datasheet HTML 1Page - Linear Technology LT1809 Datasheet HTML 2Page - Linear Technology LT1809 Datasheet HTML 3Page - Linear Technology LT1809 Datasheet HTML 4Page - Linear Technology LT1809 Datasheet HTML 5Page - Linear Technology LT1809 Datasheet HTML 6Page - Linear Technology LT1809 Datasheet HTML 7Page - Linear Technology LT1809 Datasheet HTML 8Page - Linear Technology LT1809 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LT1809/LT1810
TA = 25°C. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open; VCM = VOUT = half supply, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOS
Input Offset Current
VCM = V
+
0.05
1.2
µA
VCM = V – + 0.2V
0.2
4
µA
∆IOS
Input Offset Current Shift
VCM = V – + 0.2V to V +
0.25
5.2
µA
en
Input Noise Voltage Density
f = 10kHz
16
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
5
pA/
√Hz
CIN
Input Capacitance
2pF
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k to VS/2
25
80
V/mV
VS = 5V, VO = 1V to 4V, RL = 100Ω to VS/2
4
10
V/mV
VS = 3V, VO = 0.5V to 2.5V, RL = 1k to VS/2
15
42
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V – to V +
66
82
dB
VS = 3V, VCM = V – to V +
61
78
dB
CMRR Match (Channel-to-Channel) (Note 10)
VS = 5V, VCM = V – to V +
60
82
dB
VS = 3V, VCM = V
– to V+
55
78
dB
Input Common Mode Range
V –
V +
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 10V, VCM = 0V
71
87
dB
PSRR Match (Channel-to-Channel) (Note 10)
VS = 2.5V to 10V, VCM = 0V
65
87
dB
Minimum Supply Voltage (Note 6)
2.3
2.5
V
VOL
Output Voltage Swing LOW (Note 7)
No Load
12
50
mV
ISINK = 5mA
50
120
mV
ISINK = 25mA
180
375
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
20
80
mV
ISOURCE = 5mA
80
180
mV
ISOURCE = 25mA
330
650
mV
ISC
Short-Circuit Current
VS = 5V
±45
±85
mA
VS = 3V
±35
±70
mA
IS
Supply Current per Amplifier
12.5
17
mA
Supply Current, Shutdown
VS = 5V, VSHDN = 0.3V
0.55
1.25
mA
VS = 3V, VSHDN = 0.3V
0.31
0.90
mA
ISHDN
SHDN Pin Current
VS = 5V, VSHDN = 0.3V
420
750
µA
VS = 3V, VSHDN = 0.3V
220
500
µA
Output Leakage Current, Shutdown
VSHDN = 0.3V
0.1
75
µA
VL
SHDN Pin Input Voltage Low
0.3
V
VH
SHDN Pin Input Voltage High
VS – 0.5
V
tON
Turn-On Time
VSHDN = 0.3V to 4.5V, RL = 100
80
ns
tOFF
Turn-Off Time
VSHDN = 4.5V to 0.3V, RL = 100
50
ns
GBW
Gain-Bandwidth Product
Frequency = 2MHz
160
MHz
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k, VO = 4VP-P
300
V/
µs
FPBW
Full Power Bandwidth
VS = 5V, VOUT = 4VP-P
23.5
MHz
THD
Total Harmonic Distortion
VS = 5V, AV = 1, RL = 1k, VO = 2VP-P, fC = 5MHz
– 86
dB
tS
Settling Time
0.1%, VS = 5V, VSTEP = 2V, AV = – 1, RL = 500Ω
27
ns
∆G
Differential Gain (NTSC)
VS = 5V, AV = 2, RL = 150Ω
0.015
%
∆θ
Differential Phase (NTSC)
VS = 5V, AV = 2, RL = 150Ω
0.05
Deg
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com