Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSC2.5T Datasheet(PDF) 3 Page - Altech corporation

Part # CSC2.5T
Description  FEED-THROUGH Spring Clamp Terminals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

CSC2.5T Datasheet(HTML) 3 Page - Altech corporation

  CSC2.5T Datasheet HTML 1Page - Altech corporation CSC2.5T Datasheet HTML 2Page - Altech corporation CSC2.5T Datasheet HTML 3Page - Altech corporation CSC2.5T Datasheet HTML 4Page - Altech corporation CSC2.5T Datasheet HTML 5Page - Altech corporation CSC2.5T Datasheet HTML 6Page - Altech corporation CSC2.5T Datasheet HTML 7Page - Altech corporation CSC2.5T Datasheet HTML 8Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CSC6T1-2
8 mm
45 x 94 mm
12 mm
Polyamide 6.6
3 spring clamps & 2 slots for interconnection
22-8 AWG
0.5-6 sq.mm.
22-8 AWG
600 V
800 V
600 V
50 A
41 A
50 A
Cat. No.
Std. Pk.
CSC6T1-2
50
EPCSC6T1-2
50
CA702
50
CA802
50
CA801/3
100
CA801/3-3
100
CA901/3
100
MT8
100
ADL2.5
5 mm
50 x 79.5 mm
9 mm
Polyamide 6.6
4 spring clamps & 4 slots for interconnection
22-14 AWG
2.5 sq.mm.
22-14 AWG
600 V
500 V
600 V
20 A
24 A
20 A
Cat. No.
Std. Pk.
ADL2.5
50
EPADL2.5
50
CA702
50
CA802
50
CA801/1
100
CA801/1-3
100
CA901/1
100
MT5
100
CSC4T2-2
6 mm
42 x 105 mm
9 mm
Polyamide 6.6
4 spring clamps & 2 slots for interconnection
22-12 AWG
0.5-4 sq.mm.
22-12 AWG
600 V
750 V
600 V
25 A
32 A
25 A
Cat. No.
Std. Pk.
CSC4T2-2
50
EPCSC4T2-2
50
CA702
50
CA802
50
CA801/2
100
CA801/2-3
100
CA901/2
100
MT6
100
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
54
Terminal Width
Height x Length
Stripping Length
Insulation Material
Type of Connection
Approvals
Wire Range
Voltage Rating
Current Rating
Terminal Block
End Plate
DIN Rail
for ordering information
refer to page 62
End Stop
for ordering information
refer to page 63
Jumpers Adjacent
Alternate
Push in type
wire jumper
Marking Tags
(MT Type)
CUS
CUS
CUS
*
UL & CSA pending.
*
**
*
E220514
E220514
E220514



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com