Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA779 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BA779
Description  Silicon PIN Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BA779 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BA779 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon PIN Diodes
BA779;BA779S
Features
Wide frequency range 10 MHz to 1 GHz
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Test Conditions
Value
Unit
Reverse Voltage
VR
30
V
Forward Current
IF
50
mA
Junction Temperature
Tj
125
Storage temperature range
Tstg
-55to+125
Junction ambient
RthJA
on PC board 50mm
50mm
1.6mm
500
K/W
Electrical Characteristics Ta = 25
Symbol
Conditions
Min
Typ
Max
Unit
VF
IF =20mA
1
V
IR
VR = 30 V
50
nA
CD
f= 100MHz,VR =0
0.5
pF
rf
f = 100 MHz, IF =1.5 mA
50
BA799
5
BA799S
9
ôIF =10mA, IR =10mA
4
S
f= 100MHz,VR =0
K
Differential forward resistance
Reverse impedance
Minority carrier lifetime
zr
Parameter
Forward Voltage
Reverse Current
Diode capacitance


Similar Part No. - BA779

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA779 VISHAY-BA779 Datasheet
54Kb / 4P
Silicon PIN Diodes
01-Apr-99
BA779 VISHAY-BA779 Datasheet
156Kb / 5P
RF PIN Diodes - Single in SOT23
19-Feb-07
logo
Infineon Technologies A...
BA779 INFINEON-BA779 Datasheet
62Kb / 5P
Current-controlled RF resistor for switching and attenuating applications
2007-04-19
logo
Vishay Siliconix
BA779-2 VISHAY-BA779-2 Datasheet
98Kb / 4P
RF PIN Diodes - Dual in SOT-23
14-Apr-05
BA779-2-G VISHAY-BA779-2-G Datasheet
97Kb / 4P
RF PIN Diodes - Dual Series
25-Feb-13
More results

Similar Description - BA779

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA7792 VISHAY-BA7792 Datasheet
46Kb / 3P
Silicon PIN Diodes
01-Apr-99
logo
Siemens Semiconductor G...
BA682 SIEMENS-BA682 Datasheet
52Kb / 3P
SILICON PIN DIODES
BAR14-1 SIEMENS-BAR14-1 Datasheet
69Kb / 3P
Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50 Datasheet
465Kb / 8P
Silicon PIN Diodes
Feb-04-2003
logo
Guangdong Kexin Industr...
BAR14 KEXIN-BAR14 Datasheet
39Kb / 1P
Silicon PIN Diodes
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
Silicon PIN Diodes
BAR50-03W KEXIN-BAR50-03W Datasheet
39Kb / 2P
Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50_09 Datasheet
874Kb / 12P
Silicon PIN Diodes
2009-05-13
BAR-50-02V-H6327 INFINEON-BAR-50-02V-H6327 Datasheet
982Kb / 12P
Silicon PIN Diodes
2011-07-18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com