Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4616 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4616
Description  Silicon NPN Triple Diffused Type Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4616 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4616 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4616 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
www.kexin.com.cn
Silicon NPN Triple Diffused Type Transistor
2SC4616
Features
Large current calcity (IC=2A)
High blocking voltage(VCEO
400V)
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
400
V
Collector to emitter voltage
VCEO
400
V
Emitter to base voltage
VEBO
5V
Peak collector current
ICP
4A
Collector current
IC
2A
Collector power dissipation
1
W
TC=25
15
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
PC


Similar Part No. - 2SC4616

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4616 SANYO-2SC4616 Datasheet
135Kb / 4P
High Voltage Driver Applications????????????
More results

Similar Description - 2SC4616

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5446 TOSHIBA-2SC5446 Datasheet
243Kb / 5P
Transistor Silicon NPN Triple Diffused Mesa Type
2SD2449 TOSHIBA-2SD2449 Datasheet
137Kb / 2P
TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE
logo
List of Unclassifed Man...
2SC3043 ETC-2SC3043 Datasheet
53Kb / 1P
NPN Triple Diffused Planar Type Silicon Transistor
logo
Sanyo Semicon Device
2SC3483 SANYO-2SC3483 Datasheet
37Kb / 1P
NPN Triple Diffused Planar Type Silicon Transistor
logo
GTM CORPORATION
GE13005 GTM-GE13005 Datasheet
327Kb / 3P
NPN SILICON TRIPLE DIFFUSED MESA TYPE TRANSISTOR
logo
Toshiba Semiconductor
2SC5949 TOSHIBA-2SC5949 Datasheet
134Kb / 4P
Transistor Silicon NPN Triple Diffused Type
logo
Guangdong Kexin Industr...
2SC4615 KEXIN-2SC4615 Datasheet
45Kb / 2P
Silicon NPN Triple Diffused Type Transistor
2SB1409S KEXIN-2SB1409S Datasheet
40Kb / 1P
Silicon NPN Triple Diffused Type Transistor
logo
Toshiba Semiconductor
TTC0001 TOSHIBA-TTC0001 Datasheet
186Kb / 5P
Transistor Silicon NPN Triple Diffused Type
TTC0002 TOSHIBA-TTC0002 Datasheet
194Kb / 5P
Transistor Silicon NPN Triple Diffused Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com