Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTS2003 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KTS2003
Description  DC/DC Converter Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KTS2003 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KTS2003 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KTS2003 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
IC
TSSOP-8
Unit: mm
1,5,8: Drain
2,3,6,7: Source
4: Gate
DC/DC Converter Applications
KTS2003
Features
Low ON resistance.
2.5V drive.
Mount height 1.1mm.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain-to-Source Voltage
VDSS
20
V
Gate-to-Source Voltage
VGSS
10
V
Drain Current(DC)
ID
4A
Drain Current(pulse) *1
IDP
25
A
Allowable Power Dissipation *2
PD
1.3
W
Channel Temperature
Tch
150
Storage Temperature
Tstg
-55to+150
*1 PW
10
s, duty cycle
1%
*2 Mounted on a ceramic board (1000mm
2X0.8mm)


Similar Part No. - KTS2003

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KTS2001 KEXIN-KTS2001 Datasheet
46Kb / 2P
DC-DC Converter Applications
KTS2004 KEXIN-KTS2004 Datasheet
47Kb / 2P
Ultrahigh-Speed Switching Applications
KTS2005 KEXIN-KTS2005 Datasheet
46Kb / 2P
Liquid Crystal Display Backlight Drive Applications
More results

Similar Description - KTS2003

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1973 SANYO-2SA1973 Datasheet
44Kb / 4P
DC/DC Converter Applications
2SA2022 SANYO-2SA2022 Datasheet
51Kb / 5P
DC/DC Converter Applications
2SA2025 SANYO-2SA2025 Datasheet
38Kb / 4P
DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
DC / DC Converter Applications
CPH5815 SANYO-CPH5815 Datasheet
39Kb / 5P
DC / DC Converter Applications
FTS2022 SANYO-FTS2022 Datasheet
41Kb / 4P
DC / DC Converter Applications
2SA2012 SANYO-2SA2012_11 Datasheet
93Kb / 5P
DC / DC Converter Applications
2SA2013 SANYO-2SA2013_05 Datasheet
63Kb / 5P
DC / DC Converter Applications
CPH3121 SANYO-CPH3121_11 Datasheet
71Kb / 5P
DC / DC Converter Applications
CPH6121 SANYO-CPH6121 Datasheet
53Kb / 4P
DC / DC Converter Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com