Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC18C46 Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC18C46
Description  CMOS CURRENT MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC18C46 Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC18C46 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC18C46 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC18C46 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC18C46 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC18C46 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC18C46 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC18C46 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC18C46 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC18C46 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4-104
TELCOM SEMICONDUCTOR, INC.
Current Sense Section
Amplifier Gain
(Notes 2, 3)
2.7
3
3.6
2.7
3
3.4
V/V
Max Differential
(Note 2)
1.1
1.5
1.8
1.1
1.5
1.8
V
Input Signal (VPin 4-VPin 3)
Input Offset Voltage
(Note 2)
0.4
0.65
0.85
0.4
0.65
0.85
V
CMRR
VCM = 1V to 12V, (Note 2)
40
60
—
40
60
—
dB
PSRR
VIN = 8V to 16V, (Note 2)
40
60
—
40
60
—
dB
Input Bias Current
(Note 1)
—
±1
±100
—
±1
±100
nA
Input Offset Current
(Note 1)
—
±0.1
±2—
±0.1
±2nA
Input Common Mode Range
(Note 1)
0
—
11
0
—
11
V
Delay to Outputs
Tf = 25°C, (Note 1)
150
225
400
150
225
400
nsec
Current Limit Adjust Section
Current Limit Voltage Offset
—
±1
±25
—
±1
±25
mV
Input Impedance
(Shutdown Unlatched)
3
3.5
4
3
3.5
4
k
Ω
Shutdown Terminal Section
Threshold Voltage
320
360
400
320
360
400
mV
Input Voltage Range
(Note 1)
0
—
VIN
0
—
VIN
V
Min Latching
(Note 4)
140
—
—
140
—
—
µA
Current (IPin 1)
Max Non-Latching
(Note 5)
—
—
60
—
—
65
µA
Current (IPin1)
Min Pulse Width
(Note 1)
100
50
—
100
50
—
nsec
Delay to Outputs
(Note 1)
125
250
400
125
250
400
nsec
Output Section
Output Low Level rDS (ON)
ISINK = 20mA
—
10
20
—
10
20
Ω
Output High Level rDS (ON)
ISOURCE = 20mA
—
20
35
—
20
35
Ω
Output Rise Time
CL = 1 µF
—
55
90
—
55
90
nsec
Output Fall Time
CL = 1 µF
—
55
90
—
55
90
nsec
Undervoltage Lockout Section
Undervoltage Threshold
6.5
7
7.3
6.5
7
7.3
V
Start Threshold
7.4
7.8
8
7.4
7.8
8
V
Threshold Hysteresis
0.6
0.8
1
0.6
0.8
1
V
Total Standby Current
Supply Current
—
1.2
2.5
—
1.2
2
mA
Start-Up Current
—
250
350
—
250
350
µA
ELECTRICAL CHARACTERISTICS (Cont): Unless otherwise stated, these specifications apply for
TA = –55°C to +125°C for TC18C46; – 40°C to +85°C for the TC28C46; and 0°C to +70°C for the TC38C46; VIN = VDD =
16V; RT = 30.1k; CT = 270pF.
TC18C46
TC28C46
TC38C46
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Units
NOTES: 1. These parameters, although guaranteed over the
recommended operating conditions, are not tested in
production.
2. Parameter measured at trip point of latch with VPin 6 =
VREF, VPin 16 = 0V.
3. Amplifier gain is defined as:
4. Current into Pin 1 guaranteed to latch circuit in shutdown
state.
5. Current into Pin 1 guaranteed not to latch circuit in
shutdown state.
CMOS CURRENT MODE
PWM CONTROLLERS
TC18C46
TC28C46
TC38C46
G = ∆
VPin 7
;
∆VPin 4 = 0V to 1V
∆VPin 4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com