Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU807 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # BU807
Description  POWER TRANSISTORS(8.0A,150-200V,60W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

BU807 Datasheet(HTML) 1 Page - Mospec Semiconductor

  BU807 Datasheet HTML 1Page - Mospec Semiconductor BU807 Datasheet HTML 2Page - Mospec Semiconductor BU807 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - BU807

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU807 STMICROELECTRONICS-BU807 Datasheet
59Kb / 4P
MEDIUM VOLTAGE NPN FAST SWITCHING DARLINGTON TRANSISTORS
Oct-2003
logo
Fairchild Semiconductor
BU807 FAIRCHILD-BU807 Datasheet
41Kb / 4P
High Voltage & Fast Switching Darlington Transistor
logo
Boca Semiconductor Corp...
BU807 BOCA-BU807 Datasheet
116Kb / 3P
FAST SWITCHING DARLINGTON TRANSISTOR
logo
Central Semiconductor C...
BU807 CENTRAL-BU807 Datasheet
347Kb / 2P
NPN SILICON DARLINGTON TRANSISTOR
BU807 CENTRAL-BU807 Datasheet
347Kb / 2P
NPN SILICON DARLINGTON TRANSISTORv
More results

Similar Description - BU807

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6738 MOSPEC-2N6738 Datasheet
147Kb / 3P
POWER TRANSISTORS(8.0A,100W)
2SC2555 MOSPEC-2SC2555 Datasheet
144Kb / 3P
POWER TRANSISTORS(8.0A,400V,80W)
BU406 MOSPEC-BU406 Datasheet
106Kb / 3P
POWER TRANSISTORS(7A,150-200V,60W)
BU406D MOSPEC-BU406D Datasheet
107Kb / 3P
POWER TRANSISTORS(7A,150-200V,60W)
BU407H MOSPEC-BU407H Datasheet
113Kb / 3P
POWER TRANSISTORS(7A,150-200V,60W)
BU926 MOSPEC-BU926 Datasheet
75Kb / 2P
POWER TRANSISTORS(8.0A,400V,120W)
logo
Gulf Semiconductor
UGSA08D GULFSEMI-UGSA08D Datasheet
126Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 8.0A
logo
WILLAS ELECTRONIC CORP
SR840 WILLAS-SR840 Datasheet
463Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Rohm
RCJ081N20 ROHM-RCJ081N20 Datasheet
1Mb / 13P
Nch 200V 8.0A Power MOSFET
RCX081N20 ROHM-RCX081N20 Datasheet
456Kb / 13P
Nch 200V 8.0A Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com