Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC429 Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC429
Description  6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC429 Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC429 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC429 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC429 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC429 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC429 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC429 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC429 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4-177
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
ELECTRICAL CHARACTERISTICS: Over operating temperature with 7V
≤ VDD ≤ 18V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Input
VIH
Logic 1, High Input Voltage
2.4
—
—
V
VIL
Logic 0, Low Input Voltage
—
—
0.8
V
IIN
Input Current
0V
≤ VIN ≤ VDD
– 10
—
10
µA
Output
VOH
High Output Voltage
VDD – 0.025
—
—
V
VOL
Low Output Voltage
—
—
0.025
V
RO
Output Resistance
VIN = 0.8V,
—
—
5
Ω
IOUT = 10 mA, VDD = 18V
VIN = 2.4V,
—
—
5
IOUT = 10 mA, VDD = 18V
Switching Time (Note 1)
tR
Rise Time
Figure 1, CL = 2500pF
—
—
70
nsec
tF
Fall Time
Figure 1, CL = 2500pF
—
—
70
nsec
tD1
Delay Time
Figure 1
—
—
100
nsec
tD2
Delay Time
Figure 1
—
—
120
nsec
Power Supply
IS
Power Supply Current
VIN = 3V
—
—
12
mA
VIN = 0V
—
—
1
NOTE:
1. Switching times guaranteed by design.
SWITCHING SPEED
Figure 1. Inverting Driver Switching Time Test Circuit
18
45
26
7
CL= 2500 pF
OUTPUT
0.1
µF
1
µF
INPUT
TC429
VDD = 18V
+5V
18V
OUTPUT
0V
0V
90%
10%
10%
10%
tD1
tD2
90%
90%
tR
tF
INPUT
INPUT: 100 kHz, square wave
tRISE = tFALL ≤ 10 nsec
TC429
6A SINGLE HIGH-SPEED,
CMOS POWER MOSFET DRIVER



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com