Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4403 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC4403
Description  1.5A HIGH-SPEED, FLOATING LOAD DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4403 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC4403 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4403 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4403 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4403 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4403 Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4-214
TELCOM SEMICONDUCTOR, INC.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ......................................................... +22V
Maximum Chip Temperature ................................. +150
°C
Storage Temperature Range ................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
Package Thermal Resistance
CerDIP, RθJ-A ............................................... 150°C/W
CerDIP, RθJ-C ................................................. 50°C/W
PDIP, RθJ-A .................................................. 125°C/W
PDIP, RθJ-C .................................................... 42°C/W
Operating Temperature Range
C Version ............................................... 0
°C to +70°C
E Version .......................................... – 40
°C to +85°C
M Version ....................................... – 55
°C to +125°C
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
Exposure to Absolute Maximum Rating Conditions for extended periods
may affect device reliability.
ELECTRICAL CHARACTERISTICS: TA = +25°C with 4.5V ≤ VDD ≤ 18V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Input
VIH
Logic 1 High Input Voltage
2.4
—
—
V
VIL
Logic 0 Low Input Voltage
—
—
0.8
V
IIN
Input Current
– 5V
≤ VIN ≤ VDD
–1000
±10
+1000
nA
Output
VOH
High Output Voltage
VDD – 0.025
—
—
V
VOL
Low Output Voltage
—
—
0.025
V
ROS
Sourcing Output Resistance
IOUT = 10mA, VDD = 18V
—
2.8
5
Ω
ROG
Grounding Output Resistance
IOUT = –10mA, VDD = 18V
—
3.5
5
Ω
IPK
Peak Output Current
—
1.5
—
A
Switching Time (Note 1)
tR
Rise Time
Figure 1, CL = 1800pF
—
23
35
nsec
tF
Fall Time
Figure 1, CL = 1800pF
—
25
35
nsec
tD1
Delay Time
Figure 1, CL = 1800pF
—
33
75
nsec
tD2
Delay Time
Figure 1, CL = 1800pF
—
38
75
nsec
Power Supply
IS
Power Supply Current
VIN = 3V (Both Inputs)
—
1.5
2.5
mA
VIN = 0V (Both Inputs)
—
0.15
0.25
NOTE: 1. Switching times guaranteed by design.
200
0
400
600
800
1000
1200
1400
1600
0
10
20
30
40
50
60
70
80
90
100
110
120
AMBIENT TEMPERATURE (
°C)
8 Pin DIP
Thermal Derating Curves
8 Pin CerDIP
8 Pin SOIC
TC4403
1.5A HIGH-SPEED,
FLOATING LOAD DRIVER



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com