Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1007 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1007
Description  NPN Silicon Epitaxial Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1007 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1007 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
hFE Classification
Marking
HR
HQ
HP
hFE
90
180
135
270
200
400
www.kexin.com.cn
Features
High collector to emitter voltage: VCEO
120V.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
120
V
Collector-emitter voltage
VCEO
120
V
Emitter-base voltage
VEBO
5V
Collector current
IC
0.7
A
Collector current (pulse) *
IC(pu)
1.2
A
Collector power dissipation
Pc
2W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
*. PW
10ms,duty cycle
50%
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Base-emitter voltage *
VBE
VCE =10V , IC = 10mA
550
620
650
mV
Collector cutoff current
ICBO
VCB = 120V, IE=0
100
nA
Emitter cutoff current
IEBO
VEB =5V, IC=0
100
nA
VCE =1V , IC = 5.0mA
45
200
VCE =1V , IC = 100mA
90
200
400
Collector-emitter saturation voltage *
VCE(sat) IC = 500mA , IB = 50mA
0.3
0.6
V
Base-emitter saturation voltage *
VBE(sat) IC = 500mA , IB = 50mA
0.9
1.5
V
Output capacitance
Cob
VCB = 10V , IE =0, f =1.0MHz
10
pF
Transition frequency
fT
VCE = 10V , IE = -10mA
90
MHz
*. PW
350ìs,duty cycle
2%
DC current gain *
hFE
NPN Silicon Epitaxial Transistor
2SD1007


Similar Part No. - 2SD1007

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1007 NEC-2SD1007 Datasheet
223Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Renesas Technology Corp
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
Old Company Name in Catalogs and Other Documents
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
Old Company Name in Catalogs and Other Documents
logo
SHIKUES Electronics
2SD1007 SKTECHNOLGY-2SD1007 Datasheet
387Kb / 2P
High collector to emitter vlotage
logo
AiT Semiconductor Inc.
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
More results

Similar Description - 2SD1007

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com