Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4782 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4782
Description  Silicon NPN Epitaxial Planar Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4782 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4782 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4782 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon NPN Epitaxial Planar Type
2SC4782
Features
High-speed switching.
Low collector to emitter saturation voltage VCE(sat).
insertion through the tape packing and the magazine packing.
Mini type package, allowing downsizing of the equipment and automatic
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
25
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
5V
Peak collector current
ICP
300
mA
Collector current
IC
200
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150


Similar Part No. - 2SC4782

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC4782 PANASONIC-2SC4782 Datasheet
42Kb / 2P
Silicon NPN epitaxial planer type(For high speed switching)
More results

Similar Description - 2SC4782

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
Silicon NPN epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SC5848 PANASONIC-2SC5848 Datasheet
438Kb / 3P
Silicon NPN epitaxial planar type
XN06543 PANASONIC-XN06543 Datasheet
89Kb / 3P
Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
2SC2347 TOSHIBA-2SC2347_03 Datasheet
150Kb / 4P
Silicon NPN Epitaxial Planar Type
2SC2290A TOSHIBA-2SC2290A_07 Datasheet
192Kb / 4P
SILICON NPN EPITAXIAL PLANAR TYPE
logo
Guangdong Kexin Industr...
2SD1824 KEXIN-2SD1824 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD814 KEXIN-2SD814 Datasheet
37Kb / 1P
Silicon NPN Epitaxial Planar Type
2SC3125 KEXIN-2SC3125 Datasheet
35Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD1820A KEXIN-2SD1820A Datasheet
46Kb / 1P
Silicon NPN Epitaxial Planar Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com