Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4983 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4983
Description  NPN Epitaxial Planar Silicon Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4983 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4983 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
NPN Epitaxial Planar Silicon Transistors
2SC4983
Features
AF power amplifier, medium-speed switching,
small-sized motor drivers and LED drivers.
Large current capacity.
Low collector-to-emitter saturation voltage.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
15
V
Collector-emitter voltage
VCEO
15
V
Emitter-base voltage
VEBO
5V
Collector current
IC
1A
Collector current (pulse)
ICP
3A
Base current
IB
200
mA
Collector dissipation
PC
250
mW
Jumction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
IcBO
VCB =12V , IE =0
100
nA
Emitter cutoff current
IEBO
VEB =4V , IC =0
100
nA
DC current Gain
hFE
VCE =2V , IC = 50mA
135
600
Gain bandwidth product
fT
VCE =2V , IC =50mA
200
MHz
Common base output capacitance
Cob
VCB = 10V , f = 1MHz
10
pF
IC =5mA , IB = 0.5mA
10
25
mV
IC =500mA , IB = 25mA
120
240
mV
Base-to-emitter saturation voltage
VBE(sat) IC =500mA , IB = 25mA
0.9
1.2
V
Collector-to-base breakdown voltage
V(BR)CBO IC =-10ìA , IE =0
15
V
Collector-to-emitter breakdown voltage
V(BR)CEO IC =-1mA , RBE =
15
V
Emitter-to-base breakdown voltage
V(BR)EBO IE =-10ìA , IC =0
5
V
Collector-to-emitter saturation voltage
VCE(sat)
hFE Classification
Marking
Rank
5
6
7
hFE
135
270
200
400
300
600
KN


Similar Part No. - 2SC4983

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4983 SANYO-2SC4983 Datasheet
123Kb / 4P
Low-Frequency General-Purpose Amp Applications?
More results

Similar Description - 2SC4983

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com