Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC620 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC620
Description  5V, DUAL TRIP POINT TEMPERATURE SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC620 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC620 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC620 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC620 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC620 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC620 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC620 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2-16
TELCOM SEMICONDUCTOR, INC.
ELECTRICAL CHARACTERISTICS: TA = 25°C, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Supply Voltage Range
4.5
—
18
V
Supply Current
5V
≤ VDD ≤ 18V
—
270
400
µA
Output Resistance
Output High or Low, 5V
≤ VDD ≤ 18V
—
400
1000
Ω
Output Current
Temp Sensed
Source/Sink
—
—
1
mA
Output Current
Cool/Heat
Source/Sink
—
—
1
mA
Absolute Accuracy
T = Programmed Temperature
T – 3
T
T + 3
°C
ABSOLUTE MAXIMUM RATINGS*
Package Power Dissipation (TA ≤ 70°C)
PDIP ............................................................... 730mW
SOIC ............................................................... 470mW
Derating Factors
Plastic ............................................................8mW/
°C
Supply Voltage ............................................................ 20V
Input Voltage Any Input ....... (GND – 0.3V) to (VDD +0.3V)
Operating Temperature
M Version ....................................... – 55
°C to +125°C
V Version ........................................ – 40
°C to +125°C
E Version .......................................... – 40
°C to +85°C
C Version ............................................... 0
°C to +70°C
Maximum Chip Temperature ................................. +150
°C
Storage Temperature ............................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under "Absolute Maximum Ratings" may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operation sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
VDD
VDD
GND
GND
LOW LIMIT
LOW LIMIT
CONTROL
CONTROL
NC
NC
LOW SET
LOW SET
HIGH SET
HIGH SET
HIGH LIMIT
HIGH LIMIT
VDD
GND
LOW LIMIT
CONTROL
NC
LOW SET
HIGH SET
HIGH LIMIT
VDD
GND
LOW LIMIT
CONTROL
NC
LOW SET
HIGH SET
HIGH LIMIT
8
7
6
5
1
2
3
4
1
8
2
7
3
6
4
5
TC621xCPA
TC621xEPA
TC621xCOA
TC621xEOA
8
7
6
5
1
2
3
4
1
8
2
7
3
6
4
5
TC620xCOA
TC620xEOA
TC620CVOA
TC620xCPA
TC620xEPA
PIN CONFIGURATIONS (DIP and SOIC)
5V, DUAL TRIP POINT
TEMPERATURE SENSORS
TC620
TC621



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com