Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC510COG Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC510COG
Description  PRECISION ANALOG FRONT ENDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC510COG Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC510COG Datasheet HTML 1Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 2Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 3Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 4Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 5Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 6Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 7Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 8Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
3-19
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
PRECISION ANALOG FRONT ENDS
FEATURES
s
Precision (up to 17 Bits) A/D Converter "Front End"
s
3-Pin Control Interface to Microprocessor
s
Flexible: User Can Trade-Off Conversion Speed
for Resolution
s
Single Supply Operation (TC510/514)
s
4 Input, Differential Analog MUX (TC514)
s
Automatic Input Voltage Polarity Detection
s
Low Power Dissipation ........... TC500/500A: 10mW
TC510/514: 18mW
s
Wide Analog Input Range .......
±4.2V (TC500A/510)
s
Directly Accepts Bipolar and Differential Input
Signals
GENERAL DESCRIPTION
The TC500/500A/510/514 family are precision analog
front ends that implement dual slope A/D converters having
a maximum resolution of 17 bits plus sign. As a minimum,
each device contains the integrator, zero crossing compara-
tor and processor interface logic. The TC500 is the base
(16 bit max) device and requires both positive and negative
power supplies. The TC500A is identical to the TC500,
except it has improved linearity allowing it to operate to a
maximum resolution of 17 bits. The TC510 adds an on-
board negative power supply converter for single supply
operation. The TC514 adds both a negative power supply
converter and a 4 input differential analog multiplexer.
Each device has the same processor control interface
consisting of 3 wires: control inputs A and B and zero-
crossing comparator output (CMPTR). The processor ma-
nipulates A, B to sequence the TC5xx through four phases
of conversion: Auto Zero, Integrate, Deintegrate and Inte-
grator Zero. During the Auto Zero phase, offset voltages in
the TC5xx are corrected by a closed-loop feedback mecha-
nism. The input voltage is applied to the integrator during the
Integrate phase. This causes an integrator output dv/dt
directly proportional to the magnitude of the input voltage.
The higher the input voltage, the greater the magnitude of
the voltage stored on the integrator during this phase. At the
start of the Deintegrate phase, an external voltage reference
is applied to the integrator, and at the same time, the external
host processor starts its on-board timer. The processor main-
FUNCTIONAL BLOCK DIAGRAM
LEVEL
SHIFT
CONTROL LOGIC
ANALOG
SWITCH
CONTROL
SIGNALS
ACOM
+
VREF
+
–
BUF
CAZ
BUFFER
INTEGRATOR
SWR
–
SWIZ
CMPTR 1
CMPTR 2
CMPTR
OUTPUT
DGND
CONTROL LOGIC
SW1
TC500
TC500A
TC510
TC514
CREF
CREF
SWR
CREF
CAZ
RINT
CINT
CINT
SWRI
+
SWRI
+
SWRI
–
SWRI
SWZ
SWI
SWZ
VS
OSC
–
+
+
–
–
+
PHASE
DECODING
LOGIC
POLARITY
DETECTION
DC-TO-DC
CONVERTER
(TC510 & TC514)
–
+
A
B
0
0
ZERO INTEGRATOR OUTPUT
0
1
AUTO-ZERO
1
0
SIGNAL INTEGRATE
1
1
DEINTEGRATE
VREF
VOUT
COUT
1.0
µF
1.0
µF
VSS
–
–
–
SWI
B
A
A0
A1
DIF.
MUX
(TC514)
CH1
+
CH2
+
CH3
+
CH4
+
CH1
–
CH2
–
CH3
–
CH4
–
CAP– CAP+
(TC500
TC500A)
CONVERTER STATE
TC500
TC500A
TC510
TC514
TC500/A/510/514-3
10/3/96
ORDERING INFORMATION
Part No.
Package
Temp. Range
TC500ACOE
16-Pin SOIC
0
°C to +70°C
TC500ACPE
16-Pin Plastic DIP (Narrow)
0
°C to +70°C
TC500COE
16-Pin SOIC
0
°C to +70°C
TC500CPE
16-Pin Plastic DIP (Narrow)
0
°C to +70°C
TC510COG
24-Pin SOIC
0
°C to +70°C
TC510CPF
24-Pin Plastic DIP (300 Mil.)
0
°C to +70°C
TC514COI
28-Pin SOIC
0
°C to +70°C
TC514CPJ
28-Pin Plastic DIP (300 Mil.)
0
°C to +70°C
TC500EV
Evaluation Kit for TC500/500A/510/514
EVALUATION
KIT
AVAILABLE


Similar Part No. - TC510COG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC510COG MICROCHIP-TC510COG Datasheet
565Kb / 28P
Precision Analog Front Ends
2002
TC510COG MICROCHIP-TC510COG Datasheet
653Kb / 34P
Precision Analog Front Ends
2006
TC510COG MICROCHIP-TC510COG Datasheet
588Kb / 38P
Precision Analog Front Ends with Dual Slope ADC
2008
TC510COG713 MICROCHIP-TC510COG713 Datasheet
653Kb / 34P
Precision Analog Front Ends
2006
TC510COG713 MICROCHIP-TC510COG713 Datasheet
588Kb / 38P
Precision Analog Front Ends with Dual Slope ADC
2008
More results

Similar Description - TC510COG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Microchip Technology
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
Precision Analog Front Ends
2002
TC500 MICROCHIP-TC500_06 Datasheet
653Kb / 34P
Precision Analog Front Ends
2006
TC500 MICROCHIP-TC500_08 Datasheet
588Kb / 38P
Precision Analog Front Ends with Dual Slope ADC
2008
logo
Analog Devices
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
Precision Analog Front End and Controller
23-Feb-2017
AD8452 AD-AD8452 Datasheet
743Kb / 35P
Precision Integrated Analog Front End, Controller
03-Nov-2017
AD1018 AD-AD1018 Datasheet
72Kb / 2P
High Precision Analog Front End
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
Photometric Front Ends
1/2017-Rev. 0 to Rev. A
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
Photometric Front Ends
5/2020-Rev. B to Rev. C
AD1030 AD-AD1030 Datasheet
78Kb / 2P
High Precision Analog Front End with TEC/PMIC
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com