Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2996 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2996
Description  Silicon NPN Epitaxial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2996 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2996 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon NPN Epitaxial
2SC2996
Features
High stability oscillation voltage on FM local oscillator.
Recommend FM/AM RF, MIX, local and IF.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
VCEO
30
V
Emitter-base voltage
VEBO
4V
Collector current
IC
50
mA
Emitter current
IE
-50
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
125
Storage temperature range
Tstg
-55to+125
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cut-off current
ICBO
VCB =40V, IE =0
0.1
ìA
Emitter cut-off current
IEBO
VEB =4V, IC =0
0.5
ìA
DC current gain
hFE
VCE =6V , IC = 1mA
40
240
Reverse transfer capacitance
Cre
VCB = 6V , f = 1 MHz
0.9
1.3
pF
Transition frequency
fT
VCE =6V, IC = -1 mA
150
350
MHz
Collector-base time constant
Cc rbb’ VCE =6V, IE = -1mA, f = 30 MHz
15
30
ps
Noise figure
NF
4.0
dB
Power gain
Gpe
15
dB
Oscillation output voltage
VOSC
VCE = 6 V,f = 100 MHz
150
mV
VCE =6V, IE = -1mA, f = 100 MHz
hFE Classification
Marking
GR
GO
GY
hFE
40
80
70
140
120
240


Similar Part No. - 2SC2996

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2996 TOSHIBA-2SC2996 Datasheet
308Kb / 6P
TRANSISTOR (FM/AM, RF, MIX, LOCAL, IF HIGH FREQUENCY AMPLIFIER APPLICATIONS)
More results

Similar Description - 2SC2996

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1890A RENESAS-2SC1890A Datasheet
172Kb / 6P
Silicon NPN Epitaxial
2SC2853 RENESAS-2SC2853 Datasheet
169Kb / 7P
Silicon NPN Epitaxial
2SC4196 RENESAS-2SC4196 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
Silicon NPN Epitaxial
2SC4784 RENESAS-2SC4784 Datasheet
220Kb / 9P
Silicon NPN Epitaxial
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
2SD667 RENESAS-2SD667 Datasheet
159Kb / 6P
Silicon NPN Epitaxial
2SD1418 RENESAS-2SD1418 Datasheet
98Kb / 6P
Silicon NPN Epitaxial
2SC2396 RENESAS-2SC2396 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com