Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC660 Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC660
Description  100mA CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC660 Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC660 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC660 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC660 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC660 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC660 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC660 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC660 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC660 Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4-7
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TYPICAL CHARACTERISTICS
All curves are generated using the test circuit of Figure 1 with V
+ = 5V, LV = GND, FC = open, and T
A = +25°C, unless
otherwise noted.
Supply Current vs.
Supply Voltage
1)
Output Voltage Drop
vs. Load Current
4)
Output Source Resistance
vs. Supply Voltage
7)
Output Source Resistance
vs. Temperature
8)
Oscillator Frequency
vs. Supply Voltage
9)
Output Voltage vs.
Oscillator Frequency
5)
Efficiency vs.
Oscillator Frequency
6)
2)
3)
Supply Current vs.
Oscillator Frequency
Efficiency vs.
Load Current
SUPPLY VOLTAGE (V)
LOAD CURRENT (mA)
OSCILLATOR FREQUENCY (kHz)
SUPPLY VOLTAGE (V)
100
92
84
76
68
60
040
20
100
80
60
600
300
400
500
100
200
0
1.5
2.5
2.0
3.5
5.0
4.5
4.0
3.0
5.5
10,000
1000
100
10
1
0.01
0.1
1
10
100
LV = GND
LV = OPEN
DOUBLER MODE
LV = OUT
INVERTING MODE
DOUBLER MODE
16
14
12
10
8
6
4
TEMPERATURE (
°C)
0
20
40
-20
-40
80
60
100
SUPPLY VOLTAGE (V)
12
10
8
6
4
2
0
1.0
2.0
1.5
2.5 3.0 3.5 4.0 4.5 5.0 5.5
OSCILLATOR FREQUENCY (kHz)
OSCILLATOR FREQUENCY (kHz)
V+ = 5.5V
V+ = 3.5V
V+ = 4.5V
V+ = 2.5V
V+ = 1.5V
LOAD CURRENT (mA)
2.0
1.6
1.2
0.8
0.4
0
040
20
100
80
60
15
12
9
6
3
0
0.5
1.5
1.0
2.0
3.0 3.5 4.0
2.5
5.5
5.0
4.5
V+ = 5.5V
V+ = 3.5V
V+ = 4.5V
V+ = 2.5V
V+ = 1.5V
-5.0
-4.0
-4.5
-3.5
-3.0
0.1 0.2 0.4
1
4
10 20 40
2
100
100
96
92
88
84
80
76
72
68
64
60
0.1 0.2 0.4
1
4
10 20 40
2
100
ILOAD = 10mA
ILOAD = 10mA
ILOAD = 1mA
LV GROUNDED
FC = OPEN, OSC = OPEN
LV OPEN
ILOAD = 1mA
ILOAD = 80mA
ILOAD =
80mA
V+ = 1.5VDC
V+ = 3VDC
V+ = 5VDC
TC660
100mA CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com