Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC660EPA Datasheet(PDF) 8 Page - TelCom Semiconductor, Inc

Part # TC660EPA
Description  100mA CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC660EPA Datasheet(HTML) 8 Page - TelCom Semiconductor, Inc

  TC660EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC660EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC660EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC660EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC660EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC660EPA Datasheet HTML 6Page - TelCom Semiconductor, Inc TC660EPA Datasheet HTML 7Page - TelCom Semiconductor, Inc TC660EPA Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
4-12
TELCOM SEMICONDUCTOR, INC.
TC660
100mA CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER
Figure 8. Positive Voltage Doubler
Figure 9. Improved Voltage Doubler
1
2
3
4
8
7
6
5
R = 0.1 – 1M
Ω
C1
200
R
D
VOUT
= 2 VIN
VIN
C2
TC660
Figure 10. Combined Negative Converter and Positive Multiplier
Figure 9 shows an improved way of using the TC660 as
a voltage doubler.
In this circuit, C1 is first charged to VIN and C2 is quickly
brought to within a diode drop of VIN (to prevent substrate
reversal) through D. The optional 200
Ω resistor is only to
limit the brief latchup current.
On the next half-cycle, VIN is in series with C1; C2 is then
charged to 2 VIN. D is now reverse-biased and plays no
further part. For VIN < 3V, R may be necessary to ensure
startup.
Combined Negative Voltage Conversion
and Positive Supply Multiplication
Figure 10 combines the functions shown in Figures 3
and 8 to provide negative voltage conversion and positive
voltage multiplication simultaneously. In this instance, ca-
pacitors C1 and C3 perform the pump and reservoir func-
tions, respectively, for the generation of the negative volt-
age, while capacitors C2 and C4 are pump and reservoir,
respectively, for the multiplied positive voltage. There is a
penalty in this configuration in that the source impedances
of the generated supplies will be somewhat higher due to
the finite impedance of the common charge pump driver at
pin 2 of the device.
Figure 11. Positive Voltage Multiplier
1
2
3
4
8
7
6
5
+
V +
VOUT =
(2 V +) – (2 VF)
C1
D1
+
+
C3
C4
VOUT = –V
+
C2
TC660
D2
+
1
2
3
4
8
7
6
5
V+
VOUT =
(2 V+) – (2 VF)
+
C2
D1
D2
+
C1
TC660
Efficient Positive Voltage
Multiplication/Conversion
Since the switches that allow the charge pumping op-
eration are bidirectional, the charge transfer can be per-
formed backward as easily as forward. Figure 11 shows a
TC660 transforming –5V to +5V. The only problem here is
that the internal clock and switch-drive section will not
operate until some positive voltage has been generated. A
diode and resistor shown dotted in Figure 11 can be used to
"force" the internal regulator on.
1
2
3
4
8
7
6
5
+
VOUT = –V
–
150
µF
+
1 M
Ω
V– INPUT
C1
150
µF
TC660



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com