Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS79 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BSS79
Description  NPN Silicon Switching Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BSS79 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BSS79 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BSS79 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
BSS79,BSS81
hFE Classification
TYPE
Rank
B
C
Marking
CEs
CFs
TYPE
Rank
B
C
Marking
CDs
CGs
BSS79
BSS81
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Typ
Max
Unit
BSS79
40
BSS81
35
Collector-base breakdown voltage
V(BR)CBO IC =10ìA, IE =0
75
V
V(BR)EBO IE =10ìA, IC =0
6
V
VCB =60V, IE = 0
10
nA
VCB =60V, IE =0, TA =150
10
ìA
IEBO
VEB =3V, IC = 0
10
nA
BSS79/81B
20
BSS79/81C
35
BSS79/81B
25
BSS79/81C
50
BSS79/81B
35
BSS79/81C
75
BSS79/81B
40
120
BSS79/81C
100
300
BSS79/81B
25
BSS79/82C
40
IC =150 mA, IB =15mA
0.3
IC =500 mA, IB =50mA
1.3
IC =150 mA, IB =15mA
1.2
IC =500 mA, IB =50mA
2.0
fT
IC =20mA, VCE =20V, f = 100MHz
250
MHz
Ccb
VCB =10V, f = 1MHz
6
pF
td
VCC =30V, IC =150 mA, IB1 =15
mA,VBE(off) =0.5 V
10
ns
tr
VCC =30V, IC =150 mA, IB1 =15
mA,VBE(off) =0.5 V
25
ns
tstg
VCC =30V, IC =150 mA, IB1=IB2 = 15mA
250
ns
tf
VCC =30V, IC =150 mA, IB1=IB2 =15mA
60
ns
* Pulse test: t
300ìs, D = 2%.
IC =10mA, VCE =10V
IC =500 mA, VCE =10V
IC =100ìA, VCE =10V
IC =1mA, VCE =10V
Rise time
Storage time
Fall time
Delay time
Emitter-base breakdown voltage
ICBO
Collector cutoff current
Base-emitter saturation voltage
*
VBE(sat)
Emitter cutoff current
hFE
DC current gain *
Transition frequency
Collector-base capacitance
IC =150 mA, VCE =10V
Collector-emitter saturation voltage *
VCE(sat)
V
V(BR)CEO IC =10mA, IB =0
V
Parameter
Collector-emitter breakdown voltage



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com