Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC70CPA Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC70CPA
Description  MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC70CPA Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC70CPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC70CPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC70CPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC70CPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC70CPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC70CPA Datasheet HTML 6Page - TelCom Semiconductor, Inc TC70CPA Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
5-10
TELCOM SEMICONDUCTOR, INC.
strobed within the watchdog timeout period. This action
typically initiates the processor's power-up routine. If the
interruption persists, new reset pulses are generated each
timeout period until RS is strobed. The timeout period is
typically 700msec.
It is often difficult to debug a system while the watchdog
is continuously generating reset pulses. For example, the
watchdog must be disabled when the system is operated
with an in-circuit emulator (ICE). The watchdog disable input
(TC70) is provided for system debugging, (or if the watchdog
timer on-board the processor is to be used). Grounding
WDD disables the watchdog (all other functions remain
intact). For normal watchdog operation, WDD can be tied to
VDD.
The software routine that drives the RS strobe must be
in a section of the program that executes frequently enough
so the time between toggles is less than one watchdog
timeout period. The strobe signal can be derived from
microprocessor address, data and/or control signals. Typi-
cal circuit examples are shown in Figure 1.
PIN DESCRIPTION
Pin No
Pin No
(TC70)
(TC71)
Symbol
Description
11
VCCO
VCC Output. The higher of VCC or VBATT is internally switched to this output.
Connect to VCC if VBATT and VCCO are not used.
22
VCC
VCC Input. +5V power supply.
3
3
GND
GND Input. Ground.
4
–
CEI
Chip enable input. Chip enable to static RAM or other device to be battery
backed-up. Connect to ground if VCCO is not used.
–
4
TDI
Threshold detector input. When the voltage on threshold detector input (TDI) is
less than 1.3V, threshold detector output (TDO) goes low.
5
–
CEO
Chip enable output. This line goes low only when CEI is low and VCC is above
the RESET threshold.
–
5
TDO
Threshold detector output. TDO goes low when TDI is less than 1.3V and VCC is
greater than VBATT. (The threshold detector is turned off when VCC is less than
VBATT.
6
–
WDD
Watchdog disable input. Grounding this line disables the watchdog timer (no
RESET pulses are generated after the watchdog timer times out). This input is
provided to facilitate system debug. This input is internally pulled-up and can be
left open, or tied to VCC for normal watchdog operation.
–
6
PF
Power fail output. This line goes low when VCC is below 4.5V nominal. It is used
to write-protect the external device to be battery backed.
7
7
RS
RESET/STORE (Bidirectional). An open drain with pull-up (in output mode) that
goes active if:
1. VCC falls below 4.5V nominal
2. If pulled low by an external electronic signal or switch closure
3. If the watchdog is not strobed within the minimum watchdog timeout period
4. During power-up and power down
In the input mode, RS is a negative edge triggered input that resets the
watchdog timer when pulled to ground through a 10k
Ω, 5% tolerance resistor.
88
VBATT
Backup battery input. Connect to ground if battery backup is not used.
DETAILED DESCRIPTION
Precision Power Supply Monitor
The RS pin is immediately driven low any time VCC is
below 4.5V nominal. The processor is held in its reset state
during power-up and power-down. RS remains low for a
minimum of 500msec after VCC is within tolerance to allow
the power supply and processor to stabilize.
Watchdog Timer
The processor drives the RS pin with an input/output
(I/O) line in series with a voltage divider to VDD. Pulling the
bottom of this divider low results in an internal voltage
change (strobe) sufficient to reset the watchdog timer, but
above the VIL input threshold of the processor RESET input.
The processor must continuously apply strobes in this
manner within a set period to verify proper software execu-
tion. A momentary reset (500msec minimum) is generated
if a hardware or software failure keeps RS from being
TC70
TC71
MICROMASTER™ – SYSTEM SUPERVISOR
WITH POWER SUPPLY MONITOR, WATCHDOG
AND BATTERY BACKUP



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com