Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT5087 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMT5087
Description  Small Signal Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMT5087 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMT5087 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Features
Small signal transistor.
Small Signal Transistor
FMMT5087
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-50
V
Collector-emitter voltage
VCEO
-50
V
Emitter-base voltage
VEBO
-3
V
Collector current
IC
-100
mA
Power dissipation
Ptot
330
mW
Operating and storage temperature range
Tj,Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB=-10V, IE=0
VCB=-35V, IE=0
-10
-50
nA
ìA
Emitter cut-off current
IEBO
VEB=-3V, IC=0
-50
nA
Collector-emitter saturation voltage
VCE(sat) IC=-10mA, IB=-1mA
-300
mV
Base-emitter on voltage
VBE(on)
IC=-1mA, VCE=-5V
-850
mV
DC current gain
hFE
IC=-100mA, VCE=-5V
250
800
Current-gain-bandwidth product
fT
IC=-500mA, VCE=-5V f=20MHz
40
MHz
Small signal current transfer
hfe
IC=-1mA, VCE=-5V f=1KHz
250
900
Noise figure
NF
IC=200ìA, VCE=-5V, Rg=2KÙ
f=30Hz to 15KHz at 2dB points
2dB
Output capacitance
Cobo
VCB=-5V, f=140MHz, IE=0
4pF
Marking
Marking
2m


Similar Part No. - FMMT5087

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMMT5087 ETC-FMMT5087 Datasheet
26Kb / 1P
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
Zetex Semiconductors
FMMT5087 ZETEX-FMMT5087 Datasheet
29Kb / 1P
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
FMMT5087-2M ZETEX-FMMT5087-2M Datasheet
29Kb / 1P
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
FMMT5087R-3M ZETEX-FMMT5087R-3M Datasheet
29Kb / 1P
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
More results

Similar Description - FMMT5087

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
SMALL-SIGNAL TRANSISTOR
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
2SC5974B ISAHAYA-2SC5974B Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
SMALL-SIGNAL TRANSISTOR
RT1N137P ISAHAYA-RT1N137P Datasheet
146Kb / 3P
SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
Small Signal Transistor
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
Small Signal Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com