Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PB709AW Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2PB709AW
Description  PNP General Purpose Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2PB709AW Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2PB709AW Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
1 Emitter
2 Base
3 Collector
PNP General Purpose Transistor
2PB709AW
Features
High collector current (max. 100 mA).
Low collector-emitter saturation voltage (max. 500 mV).
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-45
V
Collector-emitter voltage
VCEO
-45
V
Emitter-base voltage
VEBO
-6
V
Collector current
IC
-100
mA
Peak collector current
ICM
-200
mA
Total power dissipation
Ptot
200
mW
Storage temperature
Tstg
-65to+150
Junction temperature
Tj
150
Operating ambient temperature
Tamb
-65to+150
Thermal resistance from junction to ambient
Rth j-a
625
K/W
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cut-off current
ICBO
IE =0; VCB = -45 V
-10
nA
IE =0; VCB =-45 V; Tj =150
-5
ìA
Emitter cut-off current
IEBO
IC =0; VEB =-5V
-10
nA
DC current gain
2PB709AQW
2PB709ARW
2PB709ASW
hFE
IC =-2mA; VCE =-10 V
160
210
290
260
340
460
Collector-emitter saturation voltage
VCE(sat) IC =-100mA; IB = -10 mA; *
-500
mV
Collector capacitance
Cc
IE =ie=0; VCB = -10 V;f= 1 MHz
5
pF
Transition frequency
2PB709AQW
2PB709ARW
2PB709ASW
fT
IC =-1mA; VCE = -10 V;f = 100 MHz
60
70
80
MHz
* Pulse test: tp
300 ìs; ä
0.02.
hFE Classification
TYPE
2PB709AQW
2PB709ARW
2PB709ASW
Marking
N5
N7
N9


Similar Part No. - 2PB709AW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PB709AW PHILIPS-2PB709AW Datasheet
48Kb / 8P
PNP general purpose transistor
2002 Jun 26
2PB709AW NXP-2PB709AW Datasheet
106Kb / 6P
PNP general purpose transistor
2002 Jun 26
logo
Nexperia B.V. All right...
2PB709AW NEXPERIA-2PB709AW Datasheet
283Kb / 7P
PNP general purpose transistor
2002 Jun 26
More results

Similar Description - 2PB709AW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
PNP general purpose transistor
1999 May 31
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
PNP general purpose transistor
1999 May 18
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
PNP general purpose transistor
1999 Apr 27
logo
Rohm
UMT3906 ROHM-UMT3906 Datasheet
169Kb / 4P
PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT589 BILIN-MMBT589 Datasheet
198Kb / 4P
PNP General Purpose Transistor
logo
Chenmko Enterprise Co. ...
2SA1037MPT CHENMKO-2SA1037MPT Datasheet
136Kb / 3P
General Purpose PNP Transistor
logo
Weitron Technology
2SB1116 WEITRON-2SB1116 Datasheet
505Kb / 4P
PNP General Purpose Transistor
logo
ON Semiconductor
NST857BF3T5G ONSEMI-NST857BF3T5G Datasheet
96Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
NST3906F3T5G ONSEMI-NST3906F3T5G Datasheet
98Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com