Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3930 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3930
Description  Silicon NPN Epitaxial Planar
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3930 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3930 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
1 Emitter
2 Base
3 Collector
Silicon NPN Epitaxial Planar
2SC3930
Features
Optimum for RF amplification of FM/AM radios.
High transition frequency fT.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
30
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
5V
Collector current
IC
30
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base cutoff current
ICBO
VCB =10V, IE =0
0.1
ìA
Forward current transfer ratio
hFE
VCB =10V, IE = -1 mA
70
220
Transition frequency
fT
VCB =10V, IE = -1 mA, f = 200 MHz
150
250
MHz
Noise figure
Nf
VCB =10V, IE =-1mA, f = 5MHz
2.8
4.0
dB
Reverse transfer impedance
Zrb
VCB =10V, IE =-1mA, f = 2MHz
22
50
Ù
Reverse transfer capacitance
Cre
VCB =10V, IE = -1 mA, f = 10.7 MHz
0.9
1.5
pF
hFE Classification
Marking
VB
VC
hFE
70
140
110
220


Similar Part No. - 2SC3930

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3930 PANASONIC-2SC3930 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
logo
SeCoS Halbleitertechnol...
2SC3930 SECOS-2SC3930 Datasheet
190Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
Shenzhen Jin Yu Semicon...
2SC3930 HTSEMI-2SC3930 Datasheet
845Kb / 3P
TRANSISTOR (NPN)
logo
Galaxy Semi-Conductor H...
2SC3930 BILIN-2SC3930 Datasheet
373Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
logo
Jiangsu Changjiang Elec...
2SC3930 JIANGSU-2SC3930 Datasheet
541Kb / 3P
SOT-323 Plastic-Encapsulate Transistors
More results

Similar Description - 2SC3930

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1907 HITACHI-2SC1907 Datasheet
39Kb / 7P
Silicon NPN Epitaxial Planar
2SC2776 HITACHI-2SC2776 Datasheet
24Kb / 5P
Silicon NPN Epitaxial Planar
2SC460 HITACHI-2SC460 Datasheet
51Kb / 13P
Silicon NPN Epitaxial Planar
logo
Panasonic Semiconductor
2SC2845 PANASONIC-2SC2845 Datasheet
192Kb / 6P
SILICON NPN EPITAXIAL PLANAR
logo
List of Unclassifed Man...
2SC1377 ETC-2SC1377 Datasheet
160Kb / 3P
SILICON NPN EPITAXIAL PLANAR
logo
Renesas Technology Corp
2SC5852 RENESAS-2SC5852 Datasheet
88Kb / 6P
Silicon NPN Epitaxial Planar
logo
List of Unclassifed Man...
2SC994 ETC2-2SC994 Datasheet
134Kb / 2P
SILICON NPN EPITAXIAL PLANAR
logo
Toshiba Semiconductor
TPS616 TOSHIBA-TPS616_07 Datasheet
209Kb / 6P
Silicon NPN Epitaxial Planar
logo
Renesas Technology Corp
2SC1907 RENESAS-2SC1907 Datasheet
164Kb / 6P
Silicon NPN Epitaxial Planar
2SD2115 RENESAS-2SD2115 Datasheet
145Kb / 6P
Silicon NPN Epitaxial Planar
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com