Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7109CPL Datasheet(PDF) 18 Page - TelCom Semiconductor, Inc

Part # TC7109CPL
Description  12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7109CPL Datasheet(HTML) 18 Page - TelCom Semiconductor, Inc

Back Button TC7109CPL Datasheet HTML 13Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 14Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 15Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 16Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 17Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 18Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 19Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 20Page - TelCom Semiconductor, Inc TC7109CPL Datasheet HTML 21Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
3-108
TELCOM SEMICONDUCTOR, INC.
TC7109
TC7109A
12-BIT
µP-COMPATIBLE
ANALOG-TO-DIGITAL CONVERTERS
TC7109A
MODE
B9–B12
POL, OR
B1–B8
STATUS
LBEN
ANALOG
IN
HBEN
GND
GND
8
6
MC6820
PA–5
PB–7
CB2
MC6800
OR
MCS650X
CONTROL
BUS
ADDRESS
BUS
CE/
LOAD
RUN/HOLD
CB1
DATA
BUS
CRB - -11R-01
Figure 16. Full-Time Parallel Interface to MC6800 or MCS650X Microprocessor
TC7109A
B9–B12
POL, OR
B1–B8
RUN/HOLD
MODE
8
6
8008, 8080, 8085
DATA BUS
CONTROL BUS
ADDRESS BUS
ANALOG
IN
RD
A15
A14
CE/LOAD
LBEN
HBEN
+5V
GND
* MEMR or IOR for 8080/8228 system.
*
Figure 17. TC7109A Direct Interface to 8080/8085



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com