Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9517 Datasheet(PDF) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # PCA9517
Description  LEVEL-TRANSLATING I2C BUS REPEATER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

PCA9517 Datasheet(HTML) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  PCA9517 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
PCA9517
LEVEL-TRANSLATING I2C BUS REPEATER
SCPS157A – DECEMBER 2007 – REVISED FEBRUARY 2008
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCCB
Supply voltage range
–0.5
7
V
VCCA
Supply voltage range
–0.5
7
V
VI
Enable input voltage range(2)
–0.5
7
V
VI/O
I2C bus voltage range(2)
–0.5
7
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
Continuous output current
±50
mA
IO
Continuous current through VCC or GND
±100
mA
D package
97
θ
JA
Package thermal impedance(3)
°C/W
DGK package
172
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCCA
Supply voltage, A-side bus
0.9(1)
5.5
V
VCCB
Supply voltage, B-side bus
2.7
5.5
V
SDAA, SCLA
0.7
× V
CCA
5.5
VIH
High-level input voltage
SDAB, SCLB
0.7
× V
CCB
5.5
V
EN
0.7
× V
CCB
5.5
SDAA, SCLA
–0.5 0.28
× V
CCA
VIL
Low-level input voltage
SDAB, SCLB
–0.5(2)
0.3
× V
CCB
V
EN
–0.5
0.3
× V
CCB
VCCB = 2.7 V
6
IOL
Low-level output current
mA
VCCB = 3 V
6
TA
Operating free-air temperature
–40
85
°C
(1)
Low-level supply voltage
(2)
VIL specification is for the first low level seen by the SDAB and SCLB lines. VILc is for the second and subsequent low levels seen by the
SDAB and SCLB lines.
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): PCA9517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com