Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7136 Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC7136
Description  LOW POWER, 3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7136 Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC7136 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7136 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7136 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7136 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7136 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7136 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7136 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7136 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7136 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3-250
TELCOM SEMICONDUCTOR, INC.
TC7136
TC7136A
LOW POWER, 3-1/2 DIGIT
ANALOG-TO-DIGITAL CONVERTERS
COMMON
TC7136/A PIN DESCRIPTION
Pin No.
40-Pin PDIP
Normal
(Reverse)
Name
Description
1
(40)
V+
Positive supply voltage.
2
(39)
D1
Activates the D section of the units display.
3
(38)
C1
Activates the C section of the units display.
4
(37)
B1
Activates the B section of the units display.
5
(36)
A1
Activates the A section of the units display.
6
(35)
F1
Activates the F section of the units display.
7
(34)
G1
Activates the G section of the units display.
8
(33)
E1
Activates the E section of the units display.
9
(32)
D2
Activates the D section of the tens display.
10
(31)
C2
Activates the C section of the tens display.
11
(30)
B2
Activates the B section of the tens display.
12
(29)
A2
Activates the A section of the tens display
13
(28)
F2
Activates the F section of the tens display.
14
(27)
E2
Activates the E section of the tens display.
15
(26)
D3
Activates the D section of the hundreds display.
16
(25)
B3
Activates the B section of the hundreds display.
17
(24)
F3
Activates the F section of the hundreds display.
18
(23)
E3
Activates the E section of the hundreds display.
19
(22)
AB4
Activates both halves of the 1 in the thousands display.
20
(21)
POL
Activates the negative polarity display.
21
(20)
BP
Backplane drive output.
22
(19)
G3
Activates the G section of the hundreds display.
23
(18)
A3
Activates the A section of the hundreds display.
24
(17)
C3
Activates the C section of the hundreds display.
25
(16)
G2
Activates the G section of the tens display.
26
(15)
V–
Negative power supply voltage.
27
(14)
VINT
The integrating capacitor should be selected to give the maximum voltage
swing that ensures component tolerance build-up will not allow the integrator
output to saturate. When analog common is used as a reference and the
conversion rate is 3 readings per second, a 0.047
µF capacitor may be used.
The capacitor must have a low dielectric constant to prevent roll-over errors.
See Integrating Capacitor section for additional details.
28
(13)
VBUFF
Integration resistor connection. Use a 180 k
Ω for a 200 mV full-scale range
and a 1.8 M
Ω for 2V full-scale range.
29
(12)
CAZ
The size of the auto-zero capacitor influences the system noise. Use a 0.47
µF
capacitor for a 200 mV full scale, and a 0.1
µF capacitor for a 2V full scale. See
paragraph on Auto-Zero Capacitor for more details.
30
(11)
VIN
–
The low input signal is connected to this pin.
31
(10)
VIN
+
The high input signal is connected to this pin.
32
(9)
ANALOG
This pin is primarily used to set the analog common-mode voltage for battery
operation or in systems where the input signal is referenced to the power
supply. See paragraph on Analog Common for more details. It also acts as a
reference voltage source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com