Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7126IPL Datasheet(PDF) 9 Page - TelCom Semiconductor, Inc

Part # TC7126IPL
Description  3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7126IPL Datasheet(HTML) 9 Page - TelCom Semiconductor, Inc

Back Button TC7126IPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 12Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 13Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
3-225
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
3-1/2 DIGIT
ANALOG-TO-DIGITAL CONVERTERS
TC7126
TC7126A
In some applications, a scale factor other than unity may
exist between a transducer output voltage and the required
digital reading. Assume, for example, a pressure transducer
output for 2000 lb/in.2 is 400 mV. Rather than dividing the
Required Full-Scale Voltage*
VREF
200 mV
100 mV
2V
1V
*VFS = 2 VREF.
input voltage by two, the reference voltage should be set to
200 mV. This permits the transducer input to be used
directly.
The differential reference can also be used where a
digital zero reading is required when VIN is not equal to zero.
This is common in temperature-measuring instrumentation.
A compensating offset voltage can be applied between
analog common and VIN–. The transducer output is con-
nected between VIN+ and analog common.
DEVICE PIN FUNCTIONAL DESCRIPTION
(Pin Numbers Refer to 40-Pin DIP)
Differential Signal Inputs
VIN+ (Pin 31), VIN– (Pin 30)
The TC7126A is designed with true differential inputs
and accepts input signals within the input stage common-
mode voltage range (VCM). Typical range is V+ –1V to V–
+1V. Common-mode voltages are removed from the system
when the TC7126A operates from a battery or floating power
source (isolated from measured system), and VIN– is con-
nected to analog common (VCOM). (See Figure 5.)
In systems where common-mode voltages exist, the
TC7126A's 86 dB common-mode rejection ratio minimizes
error. Common-mode voltages do, however, affect the inte-
grator output level. A worst-case condition exists if a large
positive VCM exists in conjunction with a full-scale negative
differential signal. The negative signal drives the integrator
output positive along with VCM (see Figure 6.) For such
applications, the integrator output swing can be reduced
below the recommended 2V full-scale swing. The integrator
output will swing within 0.3V of V+ or V– without increased
linearity error.
Differential Reference
VREF+ (Pin 36), VREF– (Pin 35)
The reference voltage can be generated anywhere
within the V+ to V– power supply range.
To prevent roll-over type errors being induced by large
common-mode voltages, CREF should be large compared to
stray node capacitance.
The TC7126A offers a significantly improved analog
common temperature coefficient. This potential provides a
very stable voltage, suitable for use as a voltage reference.
The temperature coefficient of analog common is typically
35 ppm/
°C for the TC7126A and 80 ppm/°C for the TC7126.
ANALOG COMMON (Pin 32)
The analog common pin is set at a voltage potential
approximately 3V below V+. The potential is guaranteed to
be between 2.7V and 3.35V below V+. Analog common is
tied internally to an N-channel FET capable of sinking
Integrating Resistor (RINT)
The input buffer amplifier and integrator are designed
with Class A output stages. The output stage idling current
is 6
µA. The integrator and buffer can supply 1 µA drive
current with negligible linearity errors. RINT is chosen to
remain in the output stage linear drive region, but not so
large that PC board leakage currents induce errors. For a
200 mV full scale, RINT is 180 kΩ. A 2V full scale requires
1.8 M
Ω.
Oscillator Components
COSC should be 50 pF; ROSC is selected from the
equation:
fOSC =
.
For a 48 kHz clock (3 conversions per second), R = 180 k
Ω.
Note that fOSC is
4 to generate the TC7126A's inter-
nal clock. The backplane drive signal is derived by dividing
fOSC by 800.
To achieve maximum rejection of 60 Hz noise pickup,
the signal integrate period should be a multiple of 60 Hz.
Oscillator frequencies of 240 kHz, 120 kHz, 80 kHz, 60 kHz,
40 kHz, etc. should be selected. For 50 Hz rejection,
oscillator frequencies of 200 kHz, 100 kHz, 66-2/3 kHz, 50
kHz, 40 kHz, etc. would be suitable. Note that 40 kHz (2.5
readings per second) will reject both 50 Hz and 60 Hz.
Reference Voltage Selection
A full-scale reading (2000 counts) requires the input
signal be twice the reference voltage.
Component
Nominal Full-Scale Voltage
Value
200 mV
2V
CAZ
0.33
µF
0.033
µF
RINT
180 k
Ω
1.8 M
Ω
CINT
0.047
µF
0.047
µF
NOTE:
fOSC = 48 kHz (3 readings per sec).
0.45
RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com