Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4213 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4213
Description  Silicon NPN Epitaxial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4213 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4213 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
1 Emitter
2 Base
3 Collector
Silicon NPN Epitaxial
2SC4213
Features
High emitter-base voltage: VEBO = 25 V (min).
High reverse hFE: Reverse hFE = 150 (typ.) (VCE =-2V, IC =-4mA).
Low on resistance: RON =1Ù(typ.)(IB =5mA).
High DC current gain: hFE =200
1200.
Small package.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
25
V
Collector current
IC
300
mA
Base current
IB
60
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
125
Storage temperature
Tstg
-55to+125
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cut-off current
ICBO
VCB =50V, IE =0
0.1
ìA
Emitter cut-off current
IEBO
VEB =25V, IC =0
0.1
ìA
DC current gain
hFE
VCE =2V, IC = 4 mA
200
1200
Collector-emitter saturation voltage
VCE (sat) IC =30A, IB = 3 mA
0.042
0.1
V
Base-emitter voltage
VBE
VCE =2V, IC = 4 mA
0.61
V
Transition frequency
fT
VCE =6V, IC =4mA
30
MHz
Collector output capacitance
Cob
VCB =10V, IE = 0, f = 1 MHz
4.8
7
pF
Turn-on time
ton
160
ns
Storage time
tstg
500
ns
Fall time
tf
Duty cycle
2%
130
ns
hFE Classification
Marking
AA
AB
hFE
200
700
350
1200


Similar Part No. - 2SC4213

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4213 TOSHIBA-2SC4213 Datasheet
177Kb / 4P
NPN EPITAXIAL TYPE (FOR MUTING AND SWITCHIG APPLICATIONS)
2SC4213 TOSHIBA-2SC4213 Datasheet
507Kb / 5P
Silicon NPN Epitaxial Type (PCT process) For Muting and Switching Applications
2SC4213 TOSHIBA-2SC4213 Datasheet
281Kb / 5P
For Muting and Switching Applications
2SC4213 TOSHIBA-2SC4213 Datasheet
281Kb / 5P
For Muting and Switching Applications
2SC4213-B TOSHIBA-2SC4213-B Datasheet
281Kb / 5P
For Muting and Switching Applications
More results

Similar Description - 2SC4213

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1890A RENESAS-2SC1890A Datasheet
172Kb / 6P
Silicon NPN Epitaxial
2SC2853 RENESAS-2SC2853 Datasheet
169Kb / 7P
Silicon NPN Epitaxial
2SC4196 RENESAS-2SC4196 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
Silicon NPN Epitaxial
2SC4784 RENESAS-2SC4784 Datasheet
220Kb / 9P
Silicon NPN Epitaxial
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
2SD667 RENESAS-2SD667 Datasheet
159Kb / 6P
Silicon NPN Epitaxial
2SD1418 RENESAS-2SD1418 Datasheet
98Kb / 6P
Silicon NPN Epitaxial
2SC2396 RENESAS-2SC2396 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com