Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7652CPD Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC7652CPD
Description  LOW NOISE, CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7652CPD Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

  TC7652CPD Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7652CPD Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7652CPD Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7652CPD Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7652CPD Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7652CPD Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
3-286
TELCOM SEMICONDUCTOR, INC.
TYPICAL CHARACTERISTICS
2
3
45
67
8
± SUPPLY VOLTAGE (V)
1400
1200
1000
800
600
400
200
0
Supply Current vs
± Supply Voltage
1 sec/DIV
Noise at 0.1 Hz to 10 Hz
OUTPUT VOLTAGE (V)
4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8 4.9 5.0
1 mA
0.1 mA
0.01 mA
1
µA
0.1
µA
0.01
µA
1 nA
0.1 nA
0.01 nA
1 pA
Positive Clamp Current
1 sec/DIV
Noise at 0.1 Hz to 1 Hz
OUTPUT VOLTAGE (V)
4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8 4.9 5.0
1 mA
0.1 mA
0.01 mA
1
µA
0.1
µA
0.01
µA
1 nA
0.1 nA
0.01 nA
1 pA
Negative Clamp Current
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN
–20
–10
0
10
20
30
40
60
Phase-Gain (Bode Plot)*
*NOTE: ±5V, ±2.5V supplies; no load to 10k load.
–180
–120
–60
+60
+120
+180
+240
50
0
1 sec/DIV
Noise at 0.1 Hz to 100 Hz
5
µsec/DIV
Slew Rate
SOURCE
SINK
Output Resistance
vs Output Voltage
100
OUTPUT RESISTANCE (
Ω)
–3.0
1k
10k
100k
1M
–5.0
–4.0
–6
–4
–2
0
2
4
COMMON-MODE VOLTAGE (V)
Input Offset Voltage vs Common-Mode Voltage
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
PHASE
TC7652
LOW NOISE, CHOPPER-STABILIZED
OPERATIONAL AMPLIFIER



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com