Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR50-03W Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAR50-03W
Description  Silicon PIN Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAR50-03W Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAR50-03W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAR50-03W Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
BAR50-03W
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current
IR
VR = 50 V
50
nA
Forward voltage
VF
IF =50mA
0.95
1.1
V
VR = 1 V, f = 1 MHz
0.24
0.5
VR =5V,f=1MHz
0.2
0.4
VR =0V,f=100 MHz
0.2
VR = 0 V, f = 1...1.8 GHz, all other
0.15
VR =0V,f=100 MHz
25
VR =0V,f=1GHz
6
VR =0V,f=1.8GHz
5
IF =0.5 mA,f=100 MHz
25
40
IF = 1 mA, f = 100 MHz
16.5
25
IF = 10 mA, f = 100 MHz
3
4.5
IF =10mA, IR = 6 mA,measured at
IR =3mA,RL = 100
I-region width
WI
56
ìm
IF =3mA,f=1.8GHz
-0.56
IF =5mA,f=1.8GHz
-0.4
IF =18mA,f=1.8GHz
-0.27
VR = 0 V, f = 0.9 GHz
-24.5
VR =0V,f=1.8GHz
-20
VR = 0 V, f = 2.45 GHz
-18
VR =0V,f=5.6GHz
-12
Diode capacitance
CT
Forward resistance
pF
1100
rf
Isolation
|S21|
2
Reverse parallel resistance
Rp
Charge carrier life time
rr
Insertion loss
|S21|
2
dB
dB
ns
K
Marking
Marking
blue A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com