Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7116CPL Datasheet(PDF) 9 Page - TelCom Semiconductor, Inc

Part # TC7116CPL
Description  3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7116CPL Datasheet(HTML) 9 Page - TelCom Semiconductor, Inc

Back Button TC7116CPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7116CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7116CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7116CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7116CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7116CPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7116CPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7116CPL Datasheet HTML 12Page - TelCom Semiconductor, Inc TC7116CPL Datasheet HTML 13Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
3-211
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
negative supply for externally-generated segment drivers,
such as decimal points or any other presentation the user
may want to include on the LCD. (Figures 5 and 6 show
such an application.) No more than a 1 mA load should be
applied.
The second function is a "lamp test." When TEST is
pulled HIGH (to V+), all segments will be turned ON and
the display should read –1888. The TEST pin will sink
about 10 mA under these conditions.
DIGITAL SECTION
Figures 8 and 9 show the digital section for TC7116/
TC7116A and TC7117/TC7117A, respectively. For the
TC7116/TC7116A (Figure 8), an internal digital ground is
generated from a 6V zener diode and a large P-channel
source follower. This supply is made stiff to absorb the
relative large capacitive currents when the backplane (BP)
voltage is switched. The BP frequency is the clock fre-
quency
800. For 3 readings per second, this is a 60-Hz
square wave with a nominal amplitude of 5V. The seg-
ments are driven at the same frequency and amplitude,
and are in-phase with BP when OFF, but out-of-phase
when ON. In all cases, negligible DC voltage exists across
the segments.
Figure 9 is the digital section of the TC7117/TC7117A.
It is identical to the TC7116/TC7116A, except that the
regulated supply and BP drive have been eliminated, and
the segment drive is typically 8 mA. The 1000's output (pin
19) sinks current from two LED segments, and has a 16-mA
drive capability. The TC7117/TC7117A are designed to
drive common anode LED displays.
In both devices, the polarity indication is ON for analog
inputs. If V
–
IN and V
+
IN are reversed, this indication can be
reversed also, if desired.
Figure 8. TC7116/TC7116A Digital Section
TC7116
TC7116A
LCD PHASE DRIVER
THOUSANDS
HUNDREDS
TENS
UNITS
4
BACKPLANE
21
39
37
OSC
INTERNAL DIGITAL GROUND
V
+
V
–
TEST
6.2V
500
Ω
26
35
TO SWITCH DRIVERS
FROM COMPARATOR OUTPUT
CLOCK
VTH = 1V
7-SEGMENT
DECODE
7-SEGMENT
DECODE
7-SEGMENT
DECODE
200
40
38
TYPICAL SEGMENT OUTPUT
INTERNAL DIGITAL GROUND
SEGMENT
OUTPUT
V
+
0.5 mA
2 mA
LATCH
2
OSC3
OSC1
÷
÷
HLDR
70 k
Ω
LOGIC CONTROL
1
3-1/2 DIGIT ANALOG-TO-DIGITAL
CONVERTERS WITH HOLD
TC7116
TC7116A
TC7117
TC7117A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com