Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC811CPL Datasheet(PDF) 12 Page - TelCom Semiconductor, Inc

Part # TC811CPL
Description  3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC811CPL Datasheet(HTML) 12 Page - TelCom Semiconductor, Inc

Back Button TC811CPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC811CPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC811CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC811CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC811CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC811CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC811CPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC811CPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC811CPL Datasheet HTML 12Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
3-148
TELCOM SEMICONDUCTOR, INC.
3-1/2 DIGIT A/D CONVERTER WITH HOLD AND
DIFFERENTIAL REFERENCE INPUTS
TC811
TC811
V
+
V
–
VIN
–
VIN
+
VREF
+
VREF
–
COMMON
5.6 k
Ω
160 k
Ω
R2
20 k
Ω
1N914
9V
R1
20 k
Ω
+
R3
0.7%/°C
PTC
HLDR
V
+
TC811
V
+
V
–
VIN
–
VIN
+
VREF
+
VREF
–
COMMON
50 k
Ω
R2
160 k
Ω
300 k
Ω
300 k
Ω
R1
50 k
Ω
1N4148
SENSOR
9V
+
VFS = 200 MV
HLDR
V
+
Figure 13. Positive Temperature Coefficient
Resistor Temperature Sensor
Figure 12. Temperature Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com